Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA-02A Datasheet(PDF) 2 Page - Tyco Electronics

Part # PBA-02A
Description  Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PBA-02A Datasheet(HTML) 2 Page - Tyco Electronics

  PBA-02A Datasheet HTML 1Page - Tyco Electronics PBA-02A Datasheet HTML 2Page - Tyco Electronics PBA-02A Datasheet HTML 3Page - Tyco Electronics PBA-02A Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT OFFERING
P&B PBC Series
IEC-Type Contactors
and Accessories
Tyco Electronics I IEC-Type Contactors
DESCRIPTION
KEY FEATURES
Contactors offer three pole
switching (main contacts)
plus integral auxiliary
contacts
Designed to snap onto DIN
rail (35mm or 75mm) or
mount directly to a panel
with screws
Efficient 50/60 Hz. coils (50
or 60 Hz coils optional)
Finger-safe (IP 20) terminals
Modular design allows
accessories and contactors
to snap together
Bimetallic thermal overload
relay can be added to
create a starter
Coil termination permits
either same side or
diagonal wiring
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps (AC-3 per IEC 947-4).
Available accessories include auxiliary contact blocks for side or front mounting, thermal overload relays, timer blocks for
front mounting, mechanical interlocks and more.
APPLICATIONS
AC motor control in industrial machinery, HVAC equipment, elevators and other systems.
MECHANICAL
9A and 12A models measure approximately 47mm wide x 75mm tall x 82mm deep, mount on 35mm DIN rail
18A models measure approximately 47mm wide x 76mm tall x 87mm deep, mount on 35mm DIN rail
25A models measure approximately 59mm wide x 86mm tall x 97mm deep, mount on 35mm DIN rail
32A models measure approximately 59mm wide x 86mm tall x 102mm deep, mount on 35mm DIN rail
40A, 50A and 65A models measure approximately 79mm wide x 128mm tall x 116mm deep, mount on 75mm DIN rail
80A models measure approximately 87mm wide x 128mm tall x 127mm deep, mount on 75mm DIN rail
STANDARDS AND SPECS
Designed to comply with IEC EN60947-4-1 and EN60947-5-1; UL508; CSA C22.2 No. 14
UL Listed for the US and Canada, File E38802 (PBC series) and File E60363 (PBO series).
Note: 18A models of the PBC series and some models of the PBO series (PBO-32A2836, PBO-65A4865, PBO-65A5570 and PBO-
80A6380) are still to be submitted for UL evaluation.
CE marked
Contactor
9A
Model
12A
Model
18A
Model
25A
Model
32A
Model
40A
Model
50A
Model
65A
Model
80A
Model
Contact Arrangement
3PST-NO-DM + NO or NC aux.
3PST-NO-DM + NO and NC aux.
Main Contact Rating
(AC-3) @ 380VAC
9A
12A
18A
25A
32A
40A
50A
65A
80A
Auxiliary Contact Rating
@ 240VAC
10A
10A
10A
10A
10A
10A
10A
10A
10A
Expected Electrical Life
1 x 10
6
1 x 10
6
1 x 10
6
1 x 10
6
8 x 10
5
8 x 10
5
6 x 10
5
6 x 10
5
6 x 10
5
Nominal Coil Power
9.4VA
9.4VA
9.4VA
11VA
11VA
32VA
32VA
32VA
32VA
ELECTRICAL
Product offering includes PBC series contactors, PBO series overload relays and PBA series auxiliary switch blocks for side or
front mounting, PBT series timer blocks for front mounting, mechanical interlocks and more.
RoHS
Ready
THIS DATA IS FOR
REFERENCE ONLY
This product family is
being discontinued.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com