Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX87 Datasheet(PDF) 1 Page - Seme LAB

Part # BFX87
Description  Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX87 Datasheet(HTML) 1 Page - Seme LAB

  BFX87 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFX87
Bipolar PNP Device.
V
CEO =
50V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
50
V
I
C(CONT)
0.6
A
h
FE
@ 10/10m (V
CE / IC)
40
-
f
t
100M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - BFX87

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BFX87 CENTRAL-BFX87 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BFX87 NJSEMI-BFX87 Datasheet
82Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BFX87

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N1991 SEME-LAB-SF_2N1991 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N3931 SEME-LAB-SF_2N3931 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_CV9507 SEME-LAB-SF_CV9507 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N5675 SEME-LAB-SF_2N5675 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
2N5864 SEME-LAB-2N5864 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
2N3467 SEME-LAB-2N3467 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BFT81 SEME-LAB-BFT81 Datasheet
43Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
BUY91 SEME-LAB-BUY91 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BFT44S SEME-LAB-BFT44S Datasheet
18Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BC460-4 SEME-LAB-BC460-4 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com