Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5151 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N5151
Description  NPN Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N5151 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N5151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN Power Silicon Transistor
Rev. V1
2N5151, 2N5151L, 2N5153, 2N5153L
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0012382
2
Absolute Maximum Ratings
Ratings
Symbol
Value
Collector - Emitter Voltage
VCEO
80 Vdc
Collector - Base Voltage
VCBO
100 Vdc
Emitter - Base Voltage
VEBO
5.5 Vdc
Collector Current
IC
2 Adc
Total Power Dissipation
@ TA = 25°C
@ TC = 25°C
PT
1.0 W
100 W
Operating & Storage Temperature Range
TOP, TSTG
-65°C to +200°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
10°C/W
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Switching Characteristics
Turn-On Time
IC = 5.0 Adc; IB1 = 500 mAdc
TON
µs
—
0.5
Turn-Off Time
RL = 6 Ω
TOFF
µs
—
1.5
Storage Time
IB2 = -500 mAdc
TS
µs
—
1.4
Fall Time
VBE(OFF) = 3.7 Vdc
Tf
µs
—
0.5
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t = 1.0 s
Test 1:
VCE = 5.0 Vdc, IC = 2.0 Adc
Test 2:
VCE = 32 Vdc, IC = 310 mAdc
Test 3:
VCE = 80 Vdc, IC = 12.5 mAdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com