Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4P Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
MA4P1000 Series Electrical Specifications @ TA = +25°C
Part #
(NM Indicates Non-
Magnetic)
CT
Total Capacitance
pF
VR
Reverse Voltage
VDC
RS
Series Resistance
W
RP
Parallel Resistance
kW
VR = 50 V, 1 MHz
IR = 10 mA
IF = 50 mA, 100 MHz
VR = 0 V, 100 MHz
Typ.
Max.
Min.
Max.
Typ.
Max.
Min.
MA4P1200 - 401T
1.2
1.5
50
100
0.5
0.75
5
MA4P1200NM - 401T
1.2
1.5
MA4P1250 -1072T
0.8
1.2
MA4P1250NM -1072T
0.8
1.2
MA4P1450 -1091T
1.8
2.5
Part #
(NM Indicates Non-
Magnetic)
VF
Forward Voltage
(Max. I Forward @ 1V ≤
TL
Carrier Lifetime
Forward Bias
Harmonic Distortion
R(2a/a) * R(3a/a)
Reverse Bias
Harmonic Distortion
R(2a/a) – R(3a/a)
IF = 50 mA
IF = 10 mA, IR = 6 mA
PIN = 30 W, 100 MHz
IF = 50 mA
PIN = 0 dBm, VR = 0 V,
100 MHz
Typ.
Max.
Min.
Typ.
Min.
Typ.
Min.
Typ.
MA4P1200 - 401T
0.85
1.0
2
8
80
90
60
70
MA4P1200NM - 401T
MA4P1250 -1072T
MA4P1250NM-1072T
MA4P1450 -1091T
Power Dissipation and Thermal Resistance Ratings @ TA = +25°C
Package
Style
Condition
MA4P1200(NM)-401T
MA4P1250(NM)-1072T
MA4P1450-1091T
PDISS
θJC
PDISS
θJC
PDISS
θJC
B
Axial Lead
No Heatsink
1.5 W
15°C/W
Lead Length 1/4"
5.5 W
F
MELF
No Heatsink
6 W
15°C/W
10 W
5°C/W
Infinite Heatsink
18 W
30 W
*Notes:
1.) “NM” in the base part number signifies non-magnetic package.
2.) “T” suffix denotes tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com