Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5608 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5608
Description  Extremely Low Static Current Draw
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5608 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5608 Datasheet HTML 1Page - IXYS Corporation CPC5608 Datasheet HTML 2Page - IXYS Corporation CPC5608 Datasheet HTML 3Page - IXYS Corporation CPC5608 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC5608-R01
1
CPC5608
5-Channel, Low Power,
Transistor Array IC
e3
Pb
Features
Extremely Low Static Current Draw
from Power Supply
Two-State Control
Low-Voltage Operation (V
CC = 2.5V)
Low Output Transistor Leakage
8-Pin, 150mil SOIC-N Package
The CPC5608 is a 5-channel, low-power transistor
array IC with a simple 2-state logic control input. A
logic-low input turns on the switches NC
1, NC2, and
NC
3 while a logic high turns on the switches NO1 and
NO
2. Output transistors are capable of sinking 20mA
in low output voltage (<7V) circuits. The IC features a
supply voltage range of 2.5V to 5.5V and extremely
low static supply bias current draw making it ideal for
portable battery and on-hook telephony applications.
In addition, the maximum output transistor leakage is
a low 1
A.
The device logic input threshold is compatible with
standard optocoupler output levels for isolation
applications.
Description
CPC5608 Block Diagram
Applications
Portable Battery Equipment
Telephony
Instrumentation
Part #
Description
CPC5608N
8-Pin SOIC-N Package, (50/tube)
CPC5608NTR
8-Pin SOIC-N Package, Tape & Reel, (1000/Reel)
Ordering Information
1
3
2
4
5
6
7
8
V
CC
GND
NO
1
NO
2
NC
1
NC
2
NC
3
INPUT
Output
Input = 0
Input = 1
NC
1
On
Off
NC
2
On
Off
NC
3
On
Off
NO
1
Off
On
NO
2
Off
On
On = Low Impedance


Similar Part No. - CPC5608

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601 IXYS-CPC5601 Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
logo
Clare, Inc.
CPC5601D CLARE-CPC5601D Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601D IXYS-CPC5601D Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
CPC5601DTR IXYS-CPC5601DTR Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
More results

Similar Description - CPC5608

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA078V1 STMICROELECTRONICS-STEVAL-ISA078V1 Datasheet
1Mb / 4P
Extremely low quiescent current
20-Mar-2012
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
Extremely low quiescent current
15-Mar-2012
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com