Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5903GSTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5903GSTR
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GSTR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5903GSTR Datasheet HTML 1Page - IXYS Corporation CPC5903GSTR Datasheet HTML 2Page - IXYS Corporation CPC5903GSTR Datasheet HTML 3Page - IXYS Corporation CPC5903GSTR Datasheet HTML 4Page - IXYS Corporation CPC5903GSTR Datasheet HTML 5Page - IXYS Corporation CPC5903GSTR Datasheet HTML 6Page - IXYS Corporation CPC5903GSTR Datasheet HTML 7Page - IXYS Corporation CPC5903GSTR Datasheet HTML 8Page - IXYS Corporation CPC5903GSTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
R02
www.ixysic.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Electrical absolute maximum ratings are at 25°C.
Voltages with respect to local ground: GNDA or GNDB.
1 Derate total power by 7.5mW / °C above 25°C.
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 ESD Rating
1.5 Thermal Characteristics
1
2
3
4
8
7
6
5
Pin#
Name
Description
1IA
Input Unidirectional Buffer - Side A
2
GNDA
Supply Return - Side A
3IOA
Bidirectional Input/Output - Side A
4
VDDA
Supply Voltage - Side A
5IOB
Bidirectional Input/Output - Side B
6
GNDB
Supply Return - Side B
7OB
Output Unidirectional Buffer - Side B
8
VDDB
Supply Voltage - Side B
Parameter
Symbol
Min
Max
Units
Supply Voltage A
VDDA
-0.5
+6.5
V
Supply Voltage B
VDDB
-0.5
+6.5
V
Input Voltage
VIOx, VIA
-0.3
VDDx + 0.3
V
Power Dissipation 1
PTOT
-800
mW
Isolation Voltage, Side A to Side B
3750
-
Vrms
60 Seconds
2 Seconds
4500
-
Operating Temperature
TA
-40
+85
°C
Operating Relative Humidity
RH
585
%
Storage Temperature
TSTG
-50
+125
°C
ESD Rating (Human Body Model)
4000V
Parameter
Conditions
Symbol
Typ
Units
Thermal Resistance, Junction to Ambient
Free Air
RJA
114
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com