Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB751CS-40 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # RB751CS-40
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RB751CS-40 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  RB751CS-40 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd RB751CS-40 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20130508
RB751CS-40
DEVICE CHARACTERISTICS
Electrical characteristic curves (Ta=25OC)
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve(Io-Tc)
0
0.001
0.002
0.003
0
1020
3040
0
0.02
0.04
0.06
0.08
0.1
0
25
50
75
100
125
0
0.02
0.04
0.06
0.08
0.1
0
25
50
75
100
125
Sin(θ=180)
DC
D=1/2
T
Tj=125℃
D=t/T
t
VR
Io
VR=20V
0A
0V
T
Tj=125℃
D=t/T
t
VR
Io
VR=20V
0A
0V
Sin(θ=180)
DC
D=1/2
Sin(θ=180)
DC
D=1/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com