Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8550 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SS8550
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SS8550 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SS8550 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SS8550 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120705
SS8550
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM : 1 W
(TA=25
℃)
: 2 W
(TC=25
℃)
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1500
mA
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
*These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100uA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-0.1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-0.1
µA
Emitter cut-off current
ICEO
VCE=-20V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
uA
hFE(1)
VCE=-1V, IC=-100mA
85
400
DC current gain
hFE(2)
VCE=-1V, IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-800mA, IB=-80mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-800mA, IB=-80mA
-1.2
V
Base-emitter voltage
VBE(on)
VCE=-1V, IC=-10mA
-1
V
Out capacitance
CO
VCB=-10V, IE=0mA,f=1MHZ
20
pF
Transition frequency
fT
VCE=-10V, IC=-50mA,f=-30MHZ
100
MHz
CLASSIFICATION OF hFE(2)
Rank
B
C
D
E
Range
85-160
120-200
160-300
300-400
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
TO-92
Plastic-Encapsulate Transistors


Similar Part No. - SS8550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8550 WEITRON-SS8550 Datasheet
106Kb / 4P
Plastic-Encapsulate Transistors PNP Silicon
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550 Datasheet
196Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8550 DAYA-SS8550 Datasheet
143Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
SS8550 SECOS-SS8550 Datasheet
335Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - SS8550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com