Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTLP161JTLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KTLP161JTLD
Description  4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP161JTLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KTLP161JTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP161JTLD Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Cosmo Electronics Corp.
Document No. 69P44002.2
- 3 -
http://www.cosmo-ic.com
cosmo
KTLP161J Series
4PIN MINI-FLAT ZERO-CROSS
TRIAC DRIVER PHOTOCOUPLER
 Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Off-state output terminal voltage
VDRM
600
VPEAK
On-state R.M.S. current
IT(RMS)
70
mA
Peak repetitive surge current (PW=10ms.DC 10%)
ITSM
1
A
Power dissipation
PD
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
3750
Vrms
Operating temperature
Topr
-40 to +115
℃
Storage temperature
Tstg
-50 to +125
℃
Soldering temperature 10 seconds
Tsol
260
℃
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.4
V
Reverse current
IR
VR=4V
-
-
10
μA
Output
Peak blocking current
IDRM
VDRM Rated
-
-
1
μA
On-state voltage
VTM
ITM=70mA
-
1.8
3
V
Transfer
charac-
teristics
Holding current
IH
-
0.1
-
mA
Critical rate of rise of off-state
voltage
dv/dt
VDRM=(1/ 2 )*Rated
1000
-
-
V/μs
Inhibit voltage (MT1-MT2 voltage
above which device will not trigger)
VINH
IF= Rated IFT
-
10
20
V
Leakage in inhibited state
IDRM2
IF=Rated IFT, Rated
VDRM,
Off State
-
-
500
μA
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ω
Minimum trigger current
IFT
Main terminal
voltage=3V
-
-
10
mA
 Static dv/dt Test Circuit
R=10KΩ
X100
SCOPE
PROBE
D.U.T
CTEST
Vdc
RTEST
MERCURY
WETTED
RELAY
PULSE
INPUT
APPLIED VOLTAGE
WAVEFORM
0 VOLTS
Vmax
dv/dt =
0.63 Vmax
τRC
τRC
0.63 Vmax



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com