Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTLP166JTLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KTLP166JTLD
Description  4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP166JTLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KTLP166JTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Cosmo Electronics Corp.
Document No. 69P44003.2
- 1 -
http://www.cosmo-ic.com
cosmo
KTLP166J Series
4PIN MINI-FLAT ZERO-CROSS
TRIAC DRIVER PHOTOCOUPLER
 Description
The KTLP166J series consist of a GaAs infrared
emitting diode optically coupled to a monolithic
silicon detector performing the function of a zero
voltage crossing bilateral TRIAC driver. They are
designed for use with a TRIAC in the interface of
logic systems to equipment powered from 115/240
VAC lines, such as solid-state relays, industrial
controls,
motors,
solenoids
and
consumer
appliances, etc.
 Schematic
Z.C
1
2
4
3
1. Anode
2. Cathode
3. Main terminal
4. Main terminal
 Features
1. Pb free and RoHS compliant
2. 600V peak blocking voltage
3. Subminiature type (The volume is smaller than that of our conventional
DIP type by as far as 30%)
4. Simplifies logic control of 115/240 VAC power
5. Zero voltage crossing
6. Isolation voltage between input and output (Viso:3750Vms)
7. MSL class 1
8. Agency Approvals:
• UL Approved (No. E169586): UL1577
• C-UL Approved (No. E169586)
• VDE Approved (No. 40009235): DIN EN60747-5-5
• CQC Approved: GB8898-2011, GB4943.1-2011
 Applications
• Solenoid/Valve controls
• Lighting controls
• Static power switches
• AC motor drives
• Temperature controls
• E.M contactors
• AC motor contactors
• Solid state relay
• Programmable controllers


Similar Part No. - KTLP166JTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
High Reliability Photocoupler
KTLP166J COSMO-KTLP166J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
More results

Similar Description - KTLP166JTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP160G COSMO-KTLP160G_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP160J COSMO-KTLP160J_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP161G COSMO-KTLP161G_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161J COSMO-KTLP161J_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP168J COSMO-KTLP168J_15 Datasheet
211Kb / 9P
4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com