Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9402 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9402
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9402 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9402 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1842.5
MHz
Insertion Loss
IL
1805MHz
….1880 MHz
--
3.0
4.0
dB
Absolute Attenuation
α
420
…. 496MHz
25
35
dB
791MHz
…. 821MHz
32
35
dB
869MHz
…. 894MHz
25
35
dB
925MHz
…. 960MHz
32
35
dB
1900MHz
…. 1920MHz
6
12
dB
2010MHz
…. 2025MHz
27
30
dB
2110MHz
…. 2169MHz
30
34
dB
2496MHz
…. 2690MHz
25
30
dB
3400MHz
…. 3800MHz
24
27
dB
Amplitude Ripple (p-p)
1805MHz
….1880 MHz
Δα
1.2
2.5
dB
VSWR
in
1805MHz
….1880 MHz
1.8
2.5
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com