Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4809 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4809
Description  Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4809 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4809 Datasheet HTML 1Page - National Semiconductor (TI) LM4809 Datasheet HTML 2Page - National Semiconductor (TI) LM4809 Datasheet HTML 3Page - National Semiconductor (TI) LM4809 Datasheet HTML 4Page - National Semiconductor (TI) LM4809 Datasheet HTML 5Page - National Semiconductor (TI) LM4809 Datasheet HTML 6Page - National Semiconductor (TI) LM4809 Datasheet HTML 7Page - National Semiconductor (TI) LM4809 Datasheet HTML 8Page - National Semiconductor (TI) LM4809 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4809
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF; VRIPPLE = 200mVPP,
f = 1kHz; Input terminated into 50
Ω
70
dB
V
SDIH
Shutdown Voltage Input High
0.8 x V
DD
V (min)
V
SDIL
Shutdown Voltage Input Low
0.2 x V
DD
V (max)
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4809
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
I
DD
Supply Current
V
IN = 0V, IO = 0A
0.9
mA
I
SD
Shutdown Current
V
IN = 0V, VSHUTDOWN = GND
0.2
µA
V
OS
Output Offset Voltage
V
IN = 0V
4.0
mV
P
O
Output Power
THD+N = 0.1%, f = 1kHz
R
L =16
Ω
20
mW
R
L =32
Ω
16
mW
THD+N
Total Harmonic Distortion
P
O = 15mW, RL =32
Ω
f = 20Hz to 20kHz
0.6
%
Crosstalk
Channel Separation
R
L =32
Ω;P
O = 15mW
70
dB
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF; VRIPPLE = 200mVPP,
f = 1kHz; Input terminated into 50
Ω
70
dB
V
SDIH
Shutdown Voltage Input High
0.8 x V
DD
V (min)
V
SDIL
Shutdown Voltage Input Low
0.2 x V
DD
V (max)
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 3: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25OC and represent the most likely parametric norm.
Note 6: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50Ohms).
Note 9: The given
θJA is for an LM4809 packaged in an LDA08B wit the Exposed-Dap soldered to a printed circuit board copper pad with an area equivalent to that
of the Exposed-Dap itself.
Note 10: The given
θJA is for an LM4809 packaged in an LDA08B with the Exposed-Dap not soldered to any printed circuit board copper.
External Components Description (Figure 1)
Components
Functional Description
1. R
i
The inverting input resistance, along with R
f, set the closed-loop gain. Ri, along with Ci, form a high
pass filter with f
c = 1/(2
πR
iCi).
2. C
i
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
i, along with Ri,
create a highpass filter with f
C = 1/(2
πR
iCi). Refer to the section, Selecting Proper External
Components, for an explanation of determining the value of C
i.
3. R
f
The feedback resistance, along with R
i, set closed-loop gain.
4. C
S
This is the supply bypass capacitor. It provides power supply filtering. Refer to the Application
Information section for proper placement and selection of the supply bypass capacitor.
5. C
B
This is the BYPASS pin capacitor. It provides half-supply filtering. Refer to the section, Selecting
Proper External Components, for information concerning proper placement and selection of C
B.
6. C
O
This is the output coupling capacitor. It blocks the DC voltage at the amplifier’s output and forms a high
pass filter with R
L at fO = 1/(2
πR
LCO)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com