Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF8092 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8092
Description  Low-loss RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8092 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8092 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 5Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 6Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (-40°C ~ +85°C)
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
866.50
-
MHz
Maximum Insertion Loss in 865.0 ~ 868.0 MHz
IL
-
2.8
3.5
dB
Maximum Insertion Loss in 863.0 ~ 870.0 MHz
IL
-
2.8
3.8
dB
Absolute Attenuation
α
0.3000 … 830.00 MHz
40
44
-
dB
830.00 … 845.00 MHz
38
44
-
dB
880.00 … 884.30 MHz
50
60
-
dB
884.00 … 887.00 MHz
50
60
--
dB
887.00 … 965.00 MHz
38
42
dB
965.00 … 1500.00 MHz
42
47
dB
Passband Ripple
Δα
865.0 ~ 868.0 MHz
0.6
1.0
dB
Passband Ripple
Δα
863.0 ~ 870.0 MHz
0.7
2.0
dB
Source / Load Impedance (single ended)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com