Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY171 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # SY171
Description  Compact Reflective Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SY171 Datasheet(HTML) 2 Page - Omron Electronics LLC

  SY171 Datasheet HTML 1Page - Omron Electronics LLC SY171 Datasheet HTML 2Page - Omron Electronics LLC SY171 Datasheet HTML 3Page - Omron Electronics LLC SY171 Datasheet HTML 4Page - Omron Electronics LLC SY171 Datasheet HTML 5Page - Omron Electronics LLC SY171 Datasheet HTML 6Page - Omron Electronics LLC SY171 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EE-SY110/113/171
EE-SY110/113/171
 CHARACTERISTICS (TA =25°C)
Item
Symbol
EE-SY110
EE-SY171
EE-SY113
Value
Condition
Value
Condition
Value
Condition
Emitter
Forward
voltage
VF
1.5 V max.
IF =30mA
1.5 V max.
IF =30mA
1.5 V max.
IF =30mA
Reverse
current
IR
10
µAmax.
VR =4V
10
µAmax.
VR =4V
10
µAmax.
VR =4V
Peak emission
wavelength
λp(L)
940 nm typ.
IF =20mA
940 nm typ.
IF =20mA
940 nm typ.
IF =20mA
Receiver
Dark current
ID
200 nA max.
VCE =10V
0
lx
200 nA max.
VCE =10V
0
lx
200 nA max.
VCE =10V
0
lx
Peak spectral
sensitivity
wavelength
λp(P)
850 nm typ.
VCE =10V
850 nm typ.
VCE =10V
850 nm typ.
VCE =10V
Combination
Light current
IL
200 to
2,000
µA
IF =20mA
VCE =10V
White paper
with a
reflection
factor of
90% at a
distance of
5mm
50 to 500
µA IF =20mA
VCE =10V
White paper
with a
reflection
factor of
90% at a
distance of
3.5 mm
160 to
1,600
µA
IF =20mA
VCE =10V
White paper
with a
reflection
factor of
90% at a
distance of
4.4 mm
Leakage
current
ILEAK
2
µAmax.
IF =20mA
VCE =10V*
200 nA max.
IF =20mA
VCE =10V*
2
µAmax.
IF =20mA
VCE =10V*
Rising time**
tr
30
µstyp.
VCC =5V
RL = 1 kΩ
30
µstyp.
VCC =5V
RL = 1 kΩ
30
µstyp.
VCC =5V
RL = 1 kΩ
Falling time**
tf
30
µstyp.
RL =1kΩ
IL =1mA
30
µstyp.
RL =1kΩ
IL =1mA
30
µstyp.
RL =1kΩ
IL =1mA
*The sensing object reflects no light.
**The following illustrations show the rising time, tr, and the falling time, tf.
Input
VCC
Output
RL
0
0
Input
t
Output
t
tr
90%
10%
tf
Sensing object
Engineering Data
Note: The operating conditions of the photomicrosensor must be within the absolute maximum rating ranges.
 TEMPERATURE CHARACTERISTICS
 INPUT CHARACTERISTICS (TYPICAL)
Ambient temperature TA (°C)
IF,Pc
Forward voltage VF (V)
TA =--30 °C
TA =+25 °C
TA =+70 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com