Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2015FC Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # CC2015FC
Description  Type CC Low Resistance Precision Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

CC2015FC Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  CC2015FC Datasheet HTML 1Page - Caddock Electronics, Inc. CC2015FC Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
CC1512FC Standard Resistance Values:
Tolerance CC1512FC ±1% Standard (except as noted).
CC2015FC Standard Resistance Values:
Tolerance CC2015FC ±1% Standard (except as noted).
CC2520FC Standard Resistance Values:
0.010 Ω 5%
0.015 Ω 5%
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
Tolerance CC2520FC ±1% Standard (except as noted).
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω 2%
0.075 Ω 2%
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
0.010 Ω 5%
0.015 Ω 5%
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω 2%
0.075 Ω 2%
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω 2%
0.075 Ω 2%
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
Custom resistance values and non-standard tolerances
can be manufactured for high quantity applications.
Please contact Caddock Applications Engineering.
Recommended Circuit Board Layout
(current and sense connections):
Fig. 1A: Kelvin layout recom-
mended for values below 0.20Ω
Fig. 1B: Kelvin layout
recommended for higher
resistance values.
Type CC Low Resistance Precision Chip Resistors
Style FC - Flip Chip Version is a surface mount version with solderable pads for flip chip soldering.
Note 1: General Applications - The power rating
for general applications is based upon 0.5 sq. in.
(300 mm2) of termination pad or trace area (2 oz.
copper) connected to each end of the resistor.
Maximum chip temperature is 150°C. Use Derating
Curve to derate appropriately for the maximum
ambient temperature and for the temperature
limitations of the adjacent materials.
Note 2: Thermal Resistance - In High Power Applications where the circuit board
material provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal
resistance of the chip resistor is useful to establish the maximum power capability of the
chip resistor in the application. The film temperature is measured at the center of the
resistor element and the solder pad temperature is measured at the center of the
termination pad (point X in the recommended circuit layouts shown below). Maximum
temperature of the chip resistor (at the center of chip) should not exceed 150°C through
the temperature range of the application
.
Style FC Derating Curve For General Applications
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
S S
X
X
C
C
C
X
X
S
S
C
C
C = Current connection
S = Sense connection
Note: Actual width of current trace is based on magnitude of current. Point of connection should be in the area shown.
0.015 Ω
0.010 Ω
Model
Resistance
Min.
Max.
Power Capability Information
CC1512FC
CC2015FC
CC2520FC
10.0 Ω
0.020 Ω
10.0 Ω
0.020 Ω
10.0 Ω
0.020 Ω
0.010 Ω
0.025 Ω
150°C
0.75 Watt
Max. Chip
Temperature
General Applications High Power Applications
Thermal Resistance -
RθJC
Film (J) to Solder Pad (C)
(see note 2)
22.7°C/Watt
Power Rating
at 70° C
(see note 1)
22.7°C/Watt
16.0°C/Watt
13.0°C/Watt
11.5°C/Watt
150°C
150°C
150°C
150°C
Dimensions in inches and (millimeters)
.150 ±.007
(3.81 ±.18)
A
B
D
.120 ±.007
(3.05 ±.18)
.035 min.
(0.89 min.)
C
.027 ±.005
(.69 ±.13)
.250 ±.007
(6.35 ±.18)
.200 ±.007
(5.08 ±.18)
.065 min.
(1.66 min.)
.032 ±.005
(.81 ±.13)
.250 ±.007
(6.35 ±.18)
.200 ±.007
(5.08 ±.18)
.040 min.
(1.02 min.)
.041 ±.004
(1.04 ±.10)
.200 ±.007
(5.08 ±.18)
.150 ±.007
(3.81 ±.18)
.050 min.
(1.27 min.)
.027 ±.003
(.69 ±.08)
.150 ±.007
(3.81 ±.18)
.120 ±.007
(3.05 ±.18)
.035 min.
(0.89 min.)
.022 ±.003
(.56 ±.08)
Comments
Solder Coated Pads
Solderable Pads
Solderable Pads
Solder Coated Pads
Solderable Pads
0.75 Watt
1.0 Watt
1.5 Watts
1.5 Watts
AMBIENT TEMPERATURE, C
o
100
80
60
40
20
0
25
100
150
70
•
Style FC - Flip Chip version for surface mount applications.
Style WB - Wire Bond version for hybrid applications with metallized back
surface for solder down heat sinking of the chip, includes bondable termination
pads to receive aluminum wire bonds.
• Thermal resistance is provided to optimize high power designs when utilizing
higher thermal conductivity circuit board substrates such as IMS or Alumina.
• Resistance range down to 0.010 ohm at ±5%, 0.050 ohm at ±2%,
and 0.10 ohm at ±1%.
• Low inductance provides excellent high frequency and pulse response.
• High pulse handling and overload capability.
• Best choice for switching power supplies, motor speed controls, and high
current sensing applications.
Page 1 of 2
28_IL106.1004


Similar Part No. - CC2015FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2015FC ETC2-CC2015FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CC2015FC RHOPOINT-CC2015FC Datasheet
561Kb / 2P
Type CC Low Resistance Precision Chip Resistors
More results

Similar Description - CC2015FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHR2520FC ETC2-CHR2520FC Datasheet
99Kb / 1P
High Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CC1512FC RHOPOINT-CC1512FC Datasheet
561Kb / 2P
Type CC Low Resistance Precision Chip Resistors
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
High Resistance Precision Chip Resistors
logo
Panasonic Semiconductor
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
logo
RHOPOINT COMPONENTS
CD2015FC RHOPOINT-CD2015FC Datasheet
564Kb / 2P
CD Low Resistance Precision Chip Resistors
CHR2520FC RHOPOINT-CHR2520FC Datasheet
381Kb / 1P
HIGH Resistance Precision Chip Resistors
logo
Caddock Electronics, In...
CD2015FC CADDOCK-CD2015FC Datasheet
511Kb / 2P
Type CD Low Resistance Precision Chip Resistors
CHR2520FC CADDOCK-CHR2520FC Datasheet
114Kb / 1P
Type CHR High Resistance Precision Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com