Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G139G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G139G-S08-R
Description  Low power dissipation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G139G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G139G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G139G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G139G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G139G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G139G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G139
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-054 .A
2-TO-4 LINE DECODER
DESCRIPTION
The U74LVC1G139 is a 2-line to 4-line decoder which is
designed for 1.65-V to 5.5-V V CC operation.
This decoder can be used to minimize the effects of system
decoding In high-performance memory systems.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate From 1.65V to 5.5V
* Inputs Accept Voltages to 5.5 V
* ±24mA output drive (VCC=3.0V)
* Low power dissipation
* Ioff Supports Partial-Power-Down Mode Operation
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G139G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - U74LVC1G139G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
U74LVC1G132 UTC-U74LVC1G132 Datasheet
184Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G132G-AE5-R UTC-U74LVC1G132G-AE5-R Datasheet
180Kb / 6P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
U74LVC1G132G-AE5-R UTC-U74LVC1G132G-AE5-R Datasheet
184Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G132L-AE5-R UTC-U74LVC1G132L-AE5-R Datasheet
180Kb / 6P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - U74LVC1G139G-S08-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
Low power dissipation
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
Low power dissipation
D16000W NELLSEMI-D16000W Datasheet
329Kb / 1P
Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
Low power dissipation
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
Low power dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
logo
List of Unclassifed Man...
AM9111 ETC2-AM9111 Datasheet
533Kb / 12P
Low operating power dissipation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com