Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G3157G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G3157G-AL6-R
Description  Low ON Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G3157G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G3157G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G3157G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G3157G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G3157G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G3157G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G3157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-358.F
SWITCHING CHARACTERISTICS (see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=1.65 ~ 1.95V
3.5
ns
VCC=2.3 ~ 2.7V
1.2
ns
VCC=3.0 ~ 3.6V
0.8
ns
Propagation Delay Bus to
Bus(Note)
tPLH
tPHL
CL=50 pF,
RL=500Ω
VCC=4.5 ~ 5.5V
0.3
ns
VCC=1.65 ~ 1.95V
7.0
23.0
ns
VCC=2.3 ~ 2.7V
3.5
13.0
ns
VCC=3.0 ~ 3.6V
2.5
6.9
ns
Output Enable Time
Turn-On Time (A to BN)
tPZL
tPZH
CL=50 pF,
RL=500Ω
VCC=4.5 ~ 5.5V
1.7
5.2
ns
VCC=1.65 ~ 1.95V
3.0
12.5
ns
VCC=2.3 ~ 2.7V
2.0
7.0
ns
VCC=3.0 ~ 3.6V
1.2
5.0
ns
Output Enable Time
Turn-Off Time (A to BN)
tPHZ
tPLZ
CL=50 pF,
RL=500Ω
VCC=4.5 ~ 5.5V
0.8
3.5
ns
Note: Guaranteed by design.
DYNAMIC CHARACTERISTICS (TA=25°С , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=1.8V
220
MHz
VCC=2.3V
220
MHz
VCC=3.0V,
220
MHz
Bandwidth
BW
RL=50Ω, Switch ON
VCC=4.5V
220
MHz
VCC=1.8V,
-60
dB
VCC=2.3V
-65
dB
VCC=3.0V
-65
dB
OFF Isolation
OISO
RL=50Ω,
f=10MHz,Switch OFF
VCC=4.5V
-65
dB
VCC=1.8V
-66
dB
VCC=2.3V
-66
dB
VCC=3.0V
-66
dB
Crosstalk
XTALK
RL=50Ω,
f=10MHz,Switch ON
VCC=4.5V
-66
dB
VCC=1.8V
0.015
%
VCC=2.3V
0.025
%
VCC=3.0V
0.015
%
Total Harmonic Distortion
THD
RL=600Ω,CL=50pF,
f=600Hz~20KHz
VCC=4.5V
0.01
%
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Control Pin Input Capacitance
CIN
VCC=0V
2.3
pF
B Port Off Capacitance
CIO-B
VCC=5.0V
6.5
pF
A Port Capacitance When
Switch Is Enabled
CIOA-ON
VCC=5.0V
18.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com