Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7726CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7726CD
Description  HEX CLAMPING CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7726CD Datasheet(HTML) 1 Page - Texas Instruments

  TL7726CD Datasheet HTML 1Page - Texas Instruments TL7726CD Datasheet HTML 2Page - Texas Instruments TL7726CD Datasheet HTML 3Page - Texas Instruments TL7726CD Datasheet HTML 4Page - Texas Instruments TL7726CD Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TL7726
HEX CLAMPING CIRCUITS
SLAS078C – SEPTEMBER 1993 – REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Protects Against Latch-Up
D 25-mA Current Sink in Active State
D Less Than 1-mW Dissipation in Standby
Condition
D Ideal for Applications in Environments
Where Large Transient Spikes Occur
D Stable Operation for All Values of
Capacitive Load
D No Output Overshoot
description
The TL7726 consists of six identical clamping circuits that monitor an input voltage with respect to a reference
value, REF. For an input voltage (VI) in the range of GND to < REF, the clamping circuits present a very high
impedance to ground, drawing current of less than 10
µA. The clamping circuits are active for VI < GND or
VI > REF when they have a very low impedance and can sink up to 25 mA.
These characteristics make the TL7726 ideal as protection devices for CMOS semiconductor devices in
environments where there are large positive or negative transients to protect analog-to-digital converters in
automotive or industrial systems. The use of clamping circuits provides a safeguard against potential latch-up.
The TL7726C is characterized for operation over the temperature range of 0
°C to 70°C. The TL7726I is
characterized for operation over the temperature range of – 40
°C to 85°C. The TL7726Q is characterized for
operation over the temperature range of – 40
°C to 125°C.
AVAILABLE OPTIONS
TA
SOIC (D)
PLASTIC DIP (P)
0
°C to 70°C
TL7726CD
TL7726CP
–40
°C to 85°C
TL7726ID
TL7726IP
–40
°C to 125°C
TL7726QD
TL7726QP
The D package is available taped and reeled. Add the suffix R to the
device type (i.e., TL7726CDR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
GND
CLAMP
CLAMP
CLAMP
REF
CLAMP
CLAMP
CLAMP
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TL7726CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7726CD TI-TL7726CD Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726CD TI-TL7726CD Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726CD TI2-TL7726CD Datasheet
453Kb / 14P
HEX CLAMPING CIRCUITS
REVISED JULY 1999
TL7726CD.A TI2-TL7726CD.A Datasheet
453Kb / 14P
HEX CLAMPING CIRCUITS
REVISED JULY 1999
TL7726CDE4 TI-TL7726CDE4 Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
More results

Similar Description - TL7726CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7726CDR TI-TL7726CDR Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
TL7726CDRG4 TI-TL7726CDRG4 Datasheet
771Kb / 12P
HEX CLAMPING CIRCUITS
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
Clamping module
12/7/22
150685 FESTO-150685 Datasheet
92Kb / 1P
Clamping module
12/7/22
184857 FESTO-184857 Datasheet
93Kb / 1P
Clamping module
12/7/22
1354098 FESTO-1354098 Datasheet
68Kb / 1P
Clamping sleeve
2428478 FESTO-2428478 Datasheet
74Kb / 1P
Clamping sleeve
2428480 FESTO-2428480 Datasheet
75Kb / 1P
Clamping sleeve
2429532 FESTO-2429532 Datasheet
74Kb / 1P
Clamping sleeve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com