Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7726CP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7726CP
Description  HEX CLAMPING CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7726CP Datasheet(HTML) 4 Page - Texas Instruments

  TL7726CP Datasheet HTML 1Page - Texas Instruments TL7726CP Datasheet HTML 2Page - Texas Instruments TL7726CP Datasheet HTML 3Page - Texas Instruments TL7726CP Datasheet HTML 4Page - Texas Instruments TL7726CP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TL7726
HEX CLAMPING CIRCUITS
SLAS078C – SEPTEMBER 1993 – REVISED JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Device to Be
Protected, e.g.,
A/D Converter,
Microprocessor, etc.
VCC = 5 V
10 k
Ω
II
VI
IZ
Vref
1/6
TL7726
VI(system)
(input signal)
II(system)
Example: If II >> II(system), i.e., VI(system) > Vref + 200 mV
where:
II(system) = Input current to the device being protected
VI(system) = Input voltage to the device being protected
then the maximum input voltage
VI(system)max = Vref + IImax(10kΩ)
= 5 V + 25 mA(10k
Ω)
= 5 V + 250 V
= 255 V
Figure 3. Typical Application



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com