Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK121 Datasheet(PDF) 2 Page - Caddock Electronics, Inc.

Part # TK121
Description  Type TK Low TC Precision Radial-Lead Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

TK121 Datasheet(HTML) 2 Page - Caddock Electronics, Inc.

  TK121 Datasheet HTML 1Page - Caddock Electronics, Inc. TK121 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2010 Caddock Electronics, Inc.
ELECTRONICS, INC.
IL115.0710
Model TK121 and TK621
2.00 MEG
TK621
0.1%
1.50
+3.18)
-0.00)
+.125
-.000
.150 ±.015
(3.81 ±.38)
(CENTERED)
.245
±
.010
(6.22
±
.26)
(38.10
.095 ±.005
(2.41 ±.13)
.245 ±.010
(6.22 ±.26)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
Model TK133 and TK633
.290
±
.010
(7.37
±
.26)
1.50
+3.18)
-0.00)
+.125
-.000
(38.10
.095 ±.005
(2.41 ±.13)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
.290 ±.010
(7.37 ±.26)
.200 ±.015
(5.08 ±.38)
(CENTERED)
10.0 MEG
TK633
0.1%
Case "B"
Resistance
Min.
Max.
Dimensions
Encapsulation
Leadwire
Max.
Working
Voltage
Model
No.
Wattage
@
+125°C
Temperature
Coefficient
ppm/°C
Dielect.
Strength
Comments
Ref. Case "D" Dwg.
TK
133V
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
With Standoff
Ref. Case "B" Dwg.
TK
133
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
Ref. Case "A" Dwg.
Tinned Copper
TK
121
0.2
200
5, 10, or 20
300
1 K
500 K
Ref. Case "C" Dwg.
TK
139
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
Limited
by
Maximum
Working
Voltage
Ref. Case "D" Dwg.
TK
633V
300
5, 10 or 20
400
1.51 Meg
10 Meg
With Standoff
Ref. Case "A" Dwg.
TK
621
200
5, 10 or 20
300
501 K
2 Meg
Ref. Case "B" Dwg.
TK
633
300
5, 10 or 20
400
1.51 Meg
10 Meg
Ref. Case "C" Dwg.
TK
639
300
5, 10 or 20
400
1.51 Meg
10 Meg
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Case "A"
Model TK133V and TK633V
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE OFFSET
.012 (.31) FROM
CENTERLINE
.250
±
1.27)
±
.050
(6.35
.290
±
.010
(7.37
±
.26)
.200 ±.015
(5.08 ±.38)
(CENTERED)
10.0 MEG
TK633V
0.1%
.090
(2.29)
.030 ±.004
(.76 ± .10)
.095 ±.005
(2.41 ±.13)
.290 ±.010
(7.37 ±.26)
Model TK139 and TK639
.305
±
.010
(7.75
±
.26)
.105 ±.005
(2.67 ±.13)
.305 ±.010
(7.75 ±.26)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
10.0 MEG
TK639
0.1%
1.50
+3.18)
-0.00)
+.125
-.000
.150 ±.015
(3.81 ±.38)
(CENTERED)
(38.10
Case "C"
Case "D"
Derating Curve:
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0 25 75 125 175 225
Type TK Low TC Precision Radial-Lead Film Resistors
Page 2 of 2
Ordering Information:
TK633 - 10.0 Meg - 0.1% - 10 ppm/°C
Model Number
Tolerance
Resistor Value
Temperature
Coefficient
Resistance Tolerance: ±0.1% Standard
(tolerances of ±1% and ±0.05% are available)
Temperature Coefficient: Referenced to
25°C, ∆R taken at -55°C to +125°C.
TC identification is made with a color stripe on
the top edge of the part.
5 ppm/°C White Stripe
10 ppm/°C No Stripe
20 ppm/°C Green Stripe
Overload*:
TK100 Series - 6.25 times rated power for
5 seconds at voltage not to exceed 1.5 times
maximum rated working voltage, ∆R less
than 0.05%.
TK600 Series - 1.5 times rated working voltage
for 5 seconds, ∆R less than 0.2%.
Operating Temperature: -55°C to +175°C.
Thermal Shock:
TK100 Series - Mil-Std-202, Method 107,
Cond. B, ∆R less than 0.05%.
TK600 Series - Mil-Std-202, Method 107,
Cond. B, ∆R less than 0.1%.
Low Temperature Operation*:
TK100 Series - ∆R less than 0.02%.
TK600 Series - ∆R less than 0.05%.
Dielectric Withstanding Voltage*:
TK100 Series - ∆R less than 0.02%.
TK600 Series - ∆R less than 0.05%.
Moisture Resistance*:
Mil-Std-202, Method 106,
1K to 500K ∆R less than 0.05%,
500.1K to 10.0 Meg ∆R less than 0.1%.
Load Life*: 2,000 hours at +125°C.
TK100 Series -
1K to 500K ∆R less than 0.07%,
500.1K to 1.5 Meg ∆R less than 0.1%.
TK600 Series -
1.51 Meg to 10 Meg ∆R less than 0.2%.
Shelf Life (Typical):
TK100 Series - 25 ppm/year.
TK600 Series - 50 ppm/year.
InsulationResistance: 10,000 Megohms.
Vibration*:
TK100 Series - ∆R less than 0.03%.
TK600 Series - ∆R less than 0.05%.
Shock*: ∆R less than 0.05%.
*Test methods per procedures of
Mil-PRF-55182/9.
DIMENSIONS IN INCHES AND (MILLIMETERS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com