Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4819 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4819
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4819 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4819 Datasheet HTML 6Page - National Semiconductor (TI) LM4819 Datasheet HTML 7Page - National Semiconductor (TI) LM4819 Datasheet HTML 8Page - National Semiconductor (TI) LM4819 Datasheet HTML 9Page - National Semiconductor (TI) LM4819 Datasheet HTML 10Page - National Semiconductor (TI) LM4819 Datasheet HTML 11Page - National Semiconductor (TI) LM4819 Datasheet HTML 12Page - National Semiconductor (TI) LM4819 Datasheet HTML 13Page - National Semiconductor (TI) LM4819 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Application Information (Continued)
There are a few ways to activate micro-power shutdown.
These included using a single-pole, single-throw switch, a
microcontroller, or a microprocessor. When using a switch,
connect an external 10k
Ω to 100kΩ pull-up resistor between
the SHUTDOWN pin and V
DD. Connect the switch between
the SHUTDOWN pin and ground. Select normal amplifier
operation by closing the switch. Opening the switch con-
nects the shutdown pin to V
DD through the pull-up resistor,
activating micro-power shutdown. The switch and resistor
guarantee that the SHUTDOWN pin will not float. This pre-
vents unwanted state changes. In a system with a micropro-
cessor or a microcontroller, use a digital output to apply the
control voltage to the SHUTDOWN pin. Driving the SHUT-
DOWN pin with active circuitry eliminates the pull-up resistor
PROPER SELECTION OF EXTERNAL COMPONENTS
Optimizing the LM4819’s performance requires properly se-
lecting external components. Though the LM4819 operates
well when using external components with wide tolerances,
best performance is achieved by optimizing component val-
ues.
The LM4819 is unity gain stable, giving the designer maxi-
mum design flexibility. The gain should be set to no more
than a given application requires. This allows the amplifier to
achieve minimum THD+N and maximum signal-to-noise ra-
tio. These parameters are compromised as the closed-loop
gain increases. However, low gain demands input signals
with greater voltage swings to achieve maximum output
power. Fortunately, many signal sources such as audio CO-
DECs have outputs of 1V
RMS (2.83VP-P). Please refer to the
Audio Power Amplifier Design section for more informa-
tion on selecting the proper gain.
Another important consideration is the amplifier’s close-loop
bandwidth. To a large extent, the bandwidth is dictated by
the choice of external components shown in
Figure 1. The
input coupling capacitor, C
i, forms a first order high pass filter
that limits low frequency response. This value should be
chosen based on needed frequency response for a few
distinct reasons discussed below
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires a high
value input coupling capacitor (C
i in Figure 1). A high value
capacitor can be expensive and may compromise space
efficiency in portable designs. In many cases the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with limited frequency response reap little
improvement by using a large input capacitor.
Besides affecting system cost and size, C
i has an effect on
the LM4819’s click and pop performance. When the supply
voltage is first applied, a transient (pop) is created as the
charge on the input capacitor changes from zero to a quies-
cent state. The magnitude of the pop is directly proportional
to the input capacitor’s value. Higher value capacitors need
more time to reach a quiescent DC voltage (usually 1/2 V
DD)
when charged with a fixed current. The amplifier’s output
charges the input capacitor through the feedback resistor,
R
F. Thus, selecting an input capacitor value that is no higher
than necessary to meet the desired -3dB frequency can
minimize pops.
As shown in
Figure 1, the input resistor (R
i) and the input
capacitor, C
i produce a -3dB high pass filter cutoff frequency
that is found using Equation (5).
f
-3dB = 1/(2 πRiCi) (Hz)
(5)
As an example when using a speaker with a low frequency
limit of 150Hz, C
i, using Equation (5) is 0.063µF. The 0.39µF
C
i shown in Figure 1 allows the LM4819 to drive a high
efficiency, full range speaker whose response extends down
to 20Hz.
Besides optimizing the input capacitor value, the bypass
capacitor value, C
B requires careful consideration. The by-
pass capacitor’s value is the most critical to minimizing
turn-on pops because it determines how fast the LM4819
turns on. The slower the LM4819’s outputs ramp to their
quiescent DC voltage (nominally 1/2V
DD), the smaller the
turn-on pop. While the device will function properly (no os-
cillations or motorboating), with C
B less than 1.0µF, the
device will be much more susceptible to turn-on clicks and
pops. Thus, a value of C
B equal to or greater than 1.0µF is
recommended in all but the most cost sensitive designs.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the value of C
B, the capacitor
connected to the BYPASS pin. Since C
B determines how
fast the LM4819 settles to quiescent operation, its value is
critical when minimizing turn-on pops. The slower the
LM4819’s outputs ramp to their quiescent DC voltage (nomi-
nally 1/2V
DD), the smaller the turn-on pop. Choosing CB
equal to 1.0µF along with a small value of C
i (in the range of
0.1µF to 0.39µF) produces a click-less and pop-less shut-
down function. As discussed above, choosing C
i no larger
than necessary for the desired bandwidth helps minimize
clicks and pops.
Optimizing Click and Pop Reduction Performance
The LM4819 contains circuitry that minimizes turn-on and
shutdown transients or ’clicks and pops’. For this discussion,
turn on refers to either applying the power or supply voltage
or when the shutdown mode is deactivated. While the power
supply is ramping to it’s final value, the LM4819’s internal
amplifiers are configured as unity gain buffers. An internal
current source charges the voltage of the bypass capacitor,
C
B, connected to the BYPASS pin in a controlled, linear
manner. Ideally, the input and outputs track the voltage
charging on the bypass capacitor. The gain of the internal
amplifiers remains unity until the bypass capacitor is fully
charged to 1/2V
DD. As soon as the voltage on the bypass
capacitor is stable, the device becomes fully operational.
Although the BYPASS pin current cannot be modified,
changing the size of the bypass capacitor, C
B, alters the
device’s turn-on time and magnitude of ’clicks and pops’.
Increasing the value of C
B reduces the magnitude of turn-on
pops. However, this presents a tradeoff: as the size of C
B
increases, the turn-on time (Ton) increases. There is a linear
relationship between the size of C
B and the turn on time.
Below are some typical turn-on times for various values of
C
B:
C
B
T
ON
0.01µF
20ms
0.1µF
200ms
0.22µF
440ms
0.47µF
940ms
1.0µF
2S
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com