Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOS5121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TOS5121
Description  7 SEGMENT LED DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TOS5121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TOS5121 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7 SEGMENT LED DISPLAY
13.2mm (0.52") SINGLE DIGIT
TOS5121 series
TO139/9528
millimetres(inches)
Specification
Typical Forward
Voltage IF=20mA
Maximum Reverse
Current VR=5V
Maximum Forward
Voltage IF=20mA
Bright
2.1
2.8
100
Extra Bright
Super Bright
2.1
2.8
100
2.1
2.8
100
Extra Bright
2.2
2.8
100
Extra Bright
2.1
2.8
100
Volts
Volts
µA
Colour
Colour Code
Brightness Category
Red
Red
Red
Green
Yellow
RE
S
GY
Peak
Wavelength IF=20mA
697
630
660
565
585
nm
Typical Luminous
Intensity IF=10mA
700
3500
17500
4000
3500
µcd
Ø0.5
2.54
Schematic Options
3,8
Common Anode R/H Decimal point
76
4
21
910
5
3,8
Common Cathode R/H Decimal point
76
4
21
910
5
4.2
min.
7.0
grey*
face
* also available
with black face
Red - Extra Bright (E) also available in low current
Part Number Key
TOS5121
Schematic
Colour Code
AS
A
B
abc
def
g
RDP
abc
def
g
RDP
a
b
c
d
e
f
g
DP
1
12.4


Similar Part No. - TOS5121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
More results

Similar Description - TOS5121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
logo
Visual Communications C...
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
7-Segment LED Numeric Display
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
7-Segment LED Numeric Display
DSM7UA30101 VCC-DSM7UA30101 Datasheet
957Kb / 7P
Single Digit 7-Segment LED Display
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
Single Digit 7-Segment LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com