Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC4422 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLP Display Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC4422 Datasheet HTML 1Page - Texas Instruments DLPC4422 Datasheet HTML 2Page - Texas Instruments DLPC4422 Datasheet HTML 3Page - Texas Instruments DLPC4422 Datasheet HTML 4Page - Texas Instruments DLPC4422 Datasheet HTML 5Page - Texas Instruments DLPC4422 Datasheet HTML 6Page - Texas Instruments DLPC4422 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLPC4422
DLPS088 – JANUARY 2017
DLPC4422 DLP® Display Controller
1
1 Features
1
•
Provides Two 30-bit Input Pixel Interfaces or One
60-bit Input Pixel Interface:
–
YUV, YCrCb, or RGB Data Format
–
8, 9 or 10 Bits per Color
–
Pixel Clock Support Up to 175 MHz for 30-bit
and 160 MHz for 60-bit
•
Supports 24-30 Hz and 47-120 Hz Frame Rates
•
Full Single DLP Controller Support For DMD™s
up to 1920 Pixels Wide
•
Dual DLP Controller Support For up to 4K Ultra
High Definition (UHD) Resolution Display Using
DLP660TE TRP DMD
•
High-Speed, Low Voltage Differential Signaling
(LVDS) DMD Interface
•
150 MHz ARM946™ Microprocessor
•
Microprocessor Peripherals
–
Programmable Pulse-Width Modulation (PWM)
and Capture Timers
–
Three I2C Ports, Three UART Ports and Three
SSP Ports
–
One USB 1.1 Slave Port
•
Image Processing
–
Multiple Image Processing Algorithms
–
Frame Rate Conversion
–
Color Coordinate Adjustment
–
Programmable Color Space Conversion
–
Programmable Degamma and Splash
–
Integrated Support for 3-D Display
•
On-Screen Display (OSD)
•
Integrated Clock Generation Circuitry
–
Operates on a Single 20 MHz Crystal
–
Integrated Spread Spectrum Clocking
•
External Memory Support
–
Parallel Flash for Microprocessor and PWM
Sequence
–
Optional SRAM
•
516 Pin Plastic Ball Grid Array Package
•
Supports Lamp, LED, and Laser Hybrid
Illumination Systems
2 Applications
•
4K UHD Display
•
Digital Signage
•
Laser TV
•
Smart Lighting
3 Description
The
DLPC4422
device
is
required
for
reliable
operation of the DLP660TE DMD. This device is one
of the highest performing DLP® chipsets enabling
high resolution displays up to 4K UHD.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC4422
PBGA (516)
27.00 mm × 27.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPC4422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC4422 TI1-DLPC4422 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC4422AZPC TI1-DLPC4422AZPC Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC4422ZPC TI1-DLPC4422ZPC Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
More results

Similar Description - DLPC4422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
DLP Digital Controller
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
DLP Projector
logo
Texas Instruments
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
DLPC1438 Digital Controller for DLP 3D Printers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com