Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3401
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3401 Datasheet HTML 1Page - Texas Instruments TLV3401 Datasheet HTML 2Page - Texas Instruments TLV3401 Datasheet HTML 3Page - Texas Instruments TLV3401 Datasheet HTML 4Page - Texas Instruments TLV3401 Datasheet HTML 5Page - Texas Instruments TLV3401 Datasheet HTML 6Page - Texas Instruments TLV3401 Datasheet HTML 7Page - Texas Instruments TLV3401 Datasheet HTML 8Page - Texas Instruments TLV3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV3401 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
SOT-23
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
3600
µV
TLV3401CD
TLV3401CDBV
VBDC
—
-40
°C to 125°C
3600
µV
TLV3401ID
TLV3401IDBV
VBDI
TLV3401IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3401CDR).
‡ This package is only available taped and reeled. For standard quantities (3000 pieces per reel), add an R suffix (i.e., TLV3401CDBVR. For small
quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV3401CDBVT).
TLV3402 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
MSOP
(DGK)†
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
3600
µV
TLV3402CD
TLV3402CDGK
xxTIAJJ
—
– 40
°C to 125°C
3600
µV
TLV3402ID
TLV3402IDGK
xxTIAJK
TLV3402IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3402CDR).
TLV3404 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
3600
µV
TLV3404CD
—
TLV3404CPW
– 40
°C to 125°C
3600
µV
TLV3404ID
TLV3404IN
TLV3404IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV3404CDR).
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VCC
IN –
TLV3401
DBV PACKAGE
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
NC
VCC
OUT
NC
TLV3401
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC
2OUT
2IN –
2IN+
TLV3402
D, DGK, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV3404
D, N, OR PW PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com