Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4EXXXX Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXXXX
Description  Low Series Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXXXX Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4EXXXX Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs Flip Chip
Schottky Barrier Diodes
Rev. V9
MA4EXXXX Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Series Resistance
 Low Capacitance
 High Cutoff Frequency
 Silicon Nitride Passivation
 Polyimide Scratch Protection
 Designed for Easy Circuit Insertion
Description and Applications
The MA4E1317 single, MA4E1318 anti-parallel pair,
MA4E1319-1 reverse tee, MA4E1319-2 series tee
and MA4E2160 unconnected anti-parallel pair are
gallium arsenide flip chip Schottky barrier diodes.
These devices are fabricated on OMCVD epitaxial
wafers using a process designed for high device
uniformity and extremely low parasitics. The diodes
are fully passivated with silicon nitride and have an
additional layer of polyimide for scratch protection.
The protective coatings prevent damage to the
junction during automated or manual handling. The
flip chip configuration is suitable for pick and place
insertion. The high cutoff frequency of these diodes
allows use through millimeter wave frequencies.
Typical applications include single and double
balanced mixers in PCN transceivers and radios,
police radar detectors, and automotive radar
detectors.
The devices can be used through
80 GHz.
The MA4E1318 anti-parallel pair is designed for use
in
sub
harmonically
pumped
mixers.
Close
matching of the diode characteristics results in high
LO suppression at the RF input.
Ordering Information
Part Number
Package
MA4E1317
100 piece Die in Carrier
MADS-001317-1278HP
3000 piece Pocket Tape on Reel
MA4E1318
100 piece Die in Carrier
MADS-001318-1197HP
3000 piece Pocket Tape on Reel
MA4E1319-1
100 piece Die in Carrier
MA4E1319-2
100 piece Die in Carrier
MA4E2160
100 piece Die in Carrier
MA4E1317
MA4E1318
MA4E1319-1
MA4E1319-2
MA4E2160


Similar Part No. - MA4EXXXX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX1201-1300 MACOM-MA4EX1201-1300 Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
MA4EX180H-1225T MACOM-MA4EX180H-1225T Datasheet
148Kb / 3P
Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
logo
M/A-COM Technology Solu...
MA4EX180H-1225T MA-COM-MA4EX180H-1225T Datasheet
74Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz Rev. V2
logo
Tyco Electronics
MA4EX180M-1225 MACOM-MA4EX180M-1225 Datasheet
134Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
More results

Similar Description - MA4EXXXX

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
List of Unclassifed Man...
AUIRF1404Z ETC2-AUIRF1404Z Datasheet
367Kb / 15P
Low On-Resistance
AUIRF2805 ETC2-AUIRF2805 Datasheet
234Kb / 12P
Low On-Resistance
AUIRF3305 ETC2-AUIRF3305 Datasheet
274Kb / 12P
Low On-Resistance
AUIRF3504 ETC2-AUIRF3504 Datasheet
228Kb / 12P
Low On-Resistance
AUIRF7484Q ETC2-AUIRF7484Q Datasheet
229Kb / 13P
Low On-Resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
Very low series resistance
logo
M/A-COM Technology Solu...
SMPN7XXX MA-COM-SMPN7XXX Datasheet
691Kb / 6P
Low Series Resistance
MGPN MA-COM-MGPN Datasheet
497Kb / 3P
Low Series Resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com