Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AML120 Datasheet(PDF) 2 Page - XP Power Limited

Part # AML120
Description  High Power Density
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AML120 Datasheet(HTML) 2 Page - XP Power Limited

  AML120 Datasheet HTML 1Page - XP Power Limited AML120 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
24-Oct-13
2.56 (65.0)
Cable length approx 71” (1800mm)
Power On Indicator
1.46
(37.0)
Rubber foot
(4 places.)
AC Input
IEC 320-C6 Inlet
(Mates with a C5 plug)
1
3
4
2
AML120
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Reguaion(2)
Model
Number
105 W
15 V
7.00 A
5%
AML120PS15
120 W
18 V
6.67 A
5%
AML120PS18
120 W
19 V
6.32 A
5%
AML120PS19
120 W
20 V
6.00 A
5%
AML120PS20
120 W
24 V
5.00 A
5%
AML120PS24
120 W
30 V
4.00 A
5%
AML120PS30
120 W
36 V
3.34 A
5%
AML120PS36
120 W
48 V
2.50 A
5%
AML120PS48
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Maximum load per pin on output connector is 5 A.
3. Optional output connectors available. Consult sales.
4. Output connector is non locking 4 pin DC power plug and mates with Kycon part KPJ-4S or equivalent.
Pin
Function
1
Return/Input Earth
2
Output +
3
Return/Input Earth
4
Output +
Shell
Return/Input Earth
Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com