Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2918 Datasheet(PDF) 2 Page - NEC

Part # UPC2918
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2918 Datasheet(HTML) 2 Page - NEC

  UPC2918 Datasheet HTML 1Page - NEC UPC2918 Datasheet HTML 2Page - NEC UPC2918 Datasheet HTML 3Page - NEC UPC2918 Datasheet HTML 4Page - NEC UPC2918 Datasheet HTML 5Page - NEC UPC2918 Datasheet HTML 6Page - NEC UPC2918 Datasheet HTML 7Page - NEC UPC2918 Datasheet HTML 8Page - NEC UPC2918 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet G14983EJ3V0DS
2
µµµµPC2918, 2925, 2926
ORDERING INFORMATION
Part Number
Package
Marking
Packing Type
µ PC29xxT
MP-3Z (SC-63)
29xx
• Bag stuffing
µ PC29xxT-E1 MP-3Z (SC-63)
29xx
• Embossed-type taping (16mm tape)
• Pin 1 on drawout side
• 2000 pcs/reel
µ PC29xxT-E2 MP-3Z (SC-63)
29xx
• Embossed-type taping (16mm tape)
• Pin 1 at takeup side
• 2000 pcs/reel
µ PC29xxT-T1 MP-3Z (SC-63)
29xx
• Adhesive-type taping (32mm tape)
• Pin 1 on drawout side
• 1500 pcs/reel
µ PC29xxT-T2 MP-3Z (SC-63)
29xx
• Adhesive-type taping (32mm tape)
• Pin 1 at takeup side
• 1500 pcs/reel
µ PC29xxHB
MP-3 (SC-64)
29xx
• Bag stuffing
”xx” mark of the part number and marking columns expresses output voltage.
Example
Output Voltage
Part Number
Marking
1.8V
µ PC2918T
2918
2.5V
µ PC2925T
2925
2.6V
µ PC2926T
2926
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com