Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM40US05 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECM40US05
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US05 Datasheet(HTML) 4 Page - XP Power Limited

  ECM40US05 Datasheet HTML 1Page - XP Power Limited ECM40US05 Datasheet HTML 2Page - XP Power Limited ECM40US05 Datasheet HTML 3Page - XP Power Limited ECM40US05 Datasheet HTML 4Page - XP Power Limited ECM40US05 Datasheet HTML 5Page - XP Power Limited ECM40US05 Datasheet HTML 6Page - XP Power Limited ECM40US05 Datasheet HTML 7Page - XP Power Limited ECM40US05 Datasheet HTML 8Page - XP Power Limited ECM40US05 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Models & Ratings
xppower.com
4
Max
Power
Outputs
Model
Number
V1
Imin/Imax(3)
V2
Imin/Imax
V3
Imin/Imax
40 W
5.0 V
0.0 A / 8.0 A
ECM40US05†*
7.0 V
0.0 A / 5.7 A
ECM40US07
9.0 V
0.0 A / 4.4 A
ECM40US09*
12.0 V
0.0 A / 3.5 A
ECM40US12†*
15.0 V
0.0 A / 2.7 A
ECM40US15†*
18.0 V
0.0 A / 2.2 A
ECM40US18
24.0 V
0.0 A / 1.7 A
ECM40US24†*
33.0 V
0.0 A / 1.2 A
ECM40US33
48.0 V
0.0 A / 0.9 A
ECM40US48†*
+5.0 V
0.5 A / 6.0 A
+12.0 V
0.1 A / 2.0 A
ECM40UD21
+5.0 V
0.5 A / 6.0 A
+15.0 V
0.1 A / 1.5 A
ECM40UD22
+5.0 V
0.5 A / 6.0 A
+12.0 V
0.1 A / 2.0 A
-12.0 V
0.0 A / 0.5 A
ECM40UT31†*
+5.0 V
0.5 A / 6.0 A
+24.0 V
0.1 A / 1.0 A
-12.0 V
0.0 A / 0.5 A
ECM40UT32†
+5.0 V
0.5 A / 6.0 A
+15.0 V
0.1 A / 1.5 A
-15.0 V
0.0 A / 0.5 A
ECM40UT33†*
+3.3 V
0.5 A / 6.0 A
+5.0 V
0.1 A / 1.5 A
+12.0 V
0.0 A / 0.5 A
ECM40UT34†*
+5.0 V
0.5 A / 6.0 A
+3.3 V
0.1 A / 1.5 A
+12.0 V
0.0 A / 0.5 A
ECM40UT35†
Notes
1. V2 will track a change in V1 by the same percentage change in voltage as V1 is trimmed.
2. To receive unit with cover fitted, add suffix ‘-C’ to model number. For Class I operation only.
3. A 120% peak load can be taken for up to 100 ms with a 25% duty cycle. Average load not to exceed maximum power rating.
† Available from Farnell InOne.
*Available from Newark InOne.
Max
Power
Outputs
Model
Number
V1
Imin/Imax(3)
V2
Imin/Imax
V3
Imin/Imax
60 W
5.0 V
0.0 A / 12.00 A
ECM60US05†*
7.0 V
0.0 A / 8.60 A
ECM60US07
9.0 V
0.0 A / 6.70 A
ECM60US09*
12.0 V
0.0 A / 5.00 A
ECM60US12†*
15.0 V
0.0 A / 4.00 A
ECM60US15†*
18.0 V
0.0 A / 3.30 A
ECM60US18
20.0 V
0.0 A / 3.00 A
ECM60US20
24.0 V
0.0 A / 2.50 A
ECM60US24†*
28.0 V
0.0 A / 2.14 A
ECM60US28
33.0 V
0.0 A / 1.80 A
ECM60US33
48.0 V
0.0 A / 1.25 A
ECM60US48†*
+5.0 V
0.5 A / 8.00 A
+12.0 V
0.1 A / 3.0 A
ECM60UD21
+5.0 V
0.5 A / 8.00 A
+15.0 V
0.1 A / 2.5 A
ECM60UD22
+5.0 V
0.5 A / 8.00 A
+12.0 V
0.1 A / 3.0 A
-12.0 V
0.0 A / 0.5 A
ECM60UT31†*
+5.0 V
0.5 A / 8.00 A
+24.0 V
0.1 A / 1.5 A
-12.0 V
0.0 A / 0.5 A
ECM60UT32†
+5.0 V
0.5 A / 8.00 A
+15.0 V
0.1 A / 2.5 A
-15.0 V
0.0 A / 0.5 A
ECM60UT33†*
+3.3 V
0.5 A / 8.00 A
+5.0 V
0.1 A / 1.5 A
+12.0 V
0.0 A / 0.5 A
ECM60UT34†*
+5.0 V
0.5 A / 8.00 A
+3.3 V
0.1 A / 1.5 A
+12.0 V
0.0 A / 0.5 A
ECM60UT35†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com