Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL Datasheet(PDF) 3 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 3 Page - XP Power Limited

  LCL Datasheet HTML 1Page - XP Power Limited LCL Datasheet HTML 2Page - XP Power Limited LCL Datasheet HTML 3Page - XP Power Limited LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
xppower.com
3
Output Overload Characteristics
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±100
mV
50% load
Output Voltage Adjustment
±1
V
See Models and Ratings table
Minimum Load
0
A
Start Up Delay
2
s
Start Up Rise Time
65
ms
LCL150
80
LCL300
35
LCL500
Hold Up Time
10
ms
115 VAC full load
Line Regulation
±0.5
%
LCL150
±0.3
LCL300 & LCL500
Load Regulation
±1
%
Transient Response
4
%
Recovery within 1% in less than 500 μs
for a 50% load change
Ripple & Noise
See Models and Ratings table
Overvoltage Protection
110
140
%
Recycle input to reset
Overload Protection
110
150
%
Rated output power, delayed by 1 s minimum to
allow peak loads. See fig 2, 3 & 4
Short Circuit Protection
Auto recovery, hiccup mode
Overtemperature Protection
Output turns off when OTP triggered, measured
internally (Q1 temperature), auto recover when
internal temperature was reduced.
11.96
11.98
12
12.02
12.04
12.06
12.5
12.75
13
13.25
Unit enters hiccup mode
13.5
13.75
14
14.25
Current (A)
100%
102%
104%
106%
108%
110%
112%
114%
Percent Overload
90Vac
115Vac
230Vac
264Vac
Figure 2 - LCL150PS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com