Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD701 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MSD701
Description  Step Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSD701 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MSD701 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Step Recovery Diode
Rev. V1
MSD7xx Series
Features
 Low Transition Time
 High Efficiency
 High Cutoff Frequency
 High Reliability
 RoHS* Compliant
Description
The MSD7xx Series of step recovery diodes are
designed with epitaxial silicon which provides high
output power and efficiency in harmonic generator
applications. These diodes are manufactured using
a proven diode fabrication process for high
reproducibility. A unique silicon dioxide passivation
process assures greater stability reliability and low
leakage currents at high temperatures.
These diodes are available in various package
outlines with capacitance ranges for each of the 4
voltage ratings.
This rugged device is capable of reliable operation in
all military, commercial and industrial applications.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications @ TA = 25°C:
Voltage Breakdown (VB) = 15 V min. @ 10 µA
Lifetime (TL) = 8 ns min. and Transition Time (TT) = 60 ps max. @ IF 6 mA / IR 10 mA
Junction Capacitance (CJ)
@ 6 V, 1 MHz
Series Resistance (RS)
@ 25 mA
Thermal Resistance (θJC)
Pulsed
Model
Minimum
Maximum
Maximum
pF
Ω
°C/W
MSD700
0.2 - 0.4
1.20
125
MSD701
0.4 - 0.6
1.00
100
MSD702
0.6 - 0.8
0.70
100
MSD703
0.8 - 1.0
0.50
75
MSD704
1.0 - 1.4
0.40
75
MSD705
1.4 - 2.0
0.30
60
MSD706
2.0 - 3.0
0.25
60


Similar Part No. - MSD701

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C11-W MA-COM-MSD700-C11-W Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C19-1-R MA-COM-MSD700-C19-1-R Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C19-1-W MA-COM-MSD700-C19-1-W Datasheet
502Kb / 4P
Step Recovery Diode
logo
List of Unclassifed Man...
MSD70S ETC2-MSD70S Datasheet
177Kb / 3P
Glass Passivated Three phase Rectifier Bridge
More results

Similar Description - MSD701

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
STEP RECOVERY DIODE CHIP
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0810 ASI-5082-0810 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
SILICON STEP RECOVERY DIODE
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
STEP RECOVERY DIODE CHIP
ASRD800 ASI-ASRD800_04 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com