Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4832M Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832M
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832M Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4832M Datasheet HTML 6Page - National Semiconductor (TI) LM4832M Datasheet HTML 7Page - National Semiconductor (TI) LM4832M Datasheet HTML 8Page - National Semiconductor (TI) LM4832M Datasheet HTML 9Page - National Semiconductor (TI) LM4832M Datasheet HTML 10Page - National Semiconductor (TI) LM4832M Datasheet HTML 11Page - National Semiconductor (TI) LM4832M Datasheet HTML 12Page - National Semiconductor (TI) LM4832M Datasheet HTML 13Page - National Semiconductor (TI) LM4832M Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Truth Tables
SOFTWARE SPECIFICATION
Chip Address
MSB
LSB
10000
*E.C.
*E.C.
0
*E.C. = Externally Configuarable
Data Bytes (Brief Description)
MSB
LSB
Function
0
0
0
X
X
D2
D1
D0
Input Volume Control
001X
D3
D2
D1
D0
Bass Control
010X
D3
D2
D1
D0
Treble Control
011D4
D3
D2
D1
D0
Right Output Vol./Mute
100D4
D3
D2
D1
D0
Left Output Vol./Mute
101X
D
11D10D01D00
Mic Input and Gain
110D4
D3
D2
D1
D0
Microphone Volume
111D
40D30D20D10D00
General Control
Input Volume Control
MSB
LSB
Attenuation (dB)
000X
X
0000
000X
X
001−2
000X
X
010−4
000X
X
011−6
000X
X
100−8
000X
X
101−10
000X
X
110−12
000X
X
111−14
Input Volume Control
Power Up State
X
X
0
0
0
Input Volume Control
at 0 dB Attenuation
Bass Control
MSB
LSB
Level (dB)
001X
0000−12
001X
0001−10
001X
0010−8
001X
0011−6
001X
0100−4
001X
0101−2
001X
01100
001X
01112
001X
10004
001X
10016
001X
10108
001X
101110
001X
110012
Bass Control
Power Up State
X
0110
Bass Control is Flat
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com