| Electronic Components Datasheet Search |
|
AD7616BSTZ Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7616BSTZ Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 51 page ![]() Data Sheet AD7616 Rev. 0 | Page 31 of 50 DIGITAL INTERFACE CHANNEL SELECTION Hardware Mode The logic level of the CHSELx signals determine the channel pair for conversion; see Table 13 for signal decoding information. The CHSELx signals at the time that either full or partial reset is released determine the initial channel pair to sample. After a reset, the logic levels of the CHSELx signals are examined during the BUSY high period to set the channel pair for the next conversion. The CHSELx signal level must be set before CONVST goes from low to high and be maintained until BUSY goes from high to low to indicate a conversion is complete. See Figure 51 for further details. Software Mode In software mode, the channels for conversion are selected by control of the channel register. On power-up or after a reset, the default channels selected for conversion are Channel V0A and Channel V0B. Table 13. CHSELx Pin Decoding Channel Selection Input Pin Analog Input Channels for Conversion CHSEL0 CHSEL1 CHSEL2 0 0 0 V0A, V0B 0 0 1 V1A, V1B 0 1 0 V2A, V2B 0 1 1 V3A, V3B 1 0 0 V4A, V4B 1 0 1 V5A, V5B 1 1 0 V6A, V6B 1 1 1 V7A, V7B Figure 51. Hardware Mode Channel Conversion Setting Figure 52. Software Serial Mode Channel Conversion Setting Figure 53. Software Parallel Mode Channel Conversion Setting RESET CONVST BUSY CHx A/Bx A/By A/Bz CHy CHz CH... CHSEL2 TO CHSEL0 DATA BUS CONFIGURE POINT CONFIGURE POINT CONFIGURE POINT INITIAL SETUP RESET CONVST BUSY CS WRITE CHx WRITE CHy WRITE CHz WRITE CH... SDI A/B0 A/Bx A/By SDOA, SDOB CHx CONVERSION START DO NOT CARE RESET CONVST BUSY CS WR RD CHx A0 B0 CHy Ax Bx CHz Ay By CH... DB0 TO DB15 CHx CONVERSION START |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |