Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXTD4591AM832
Description  COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD4591AM832 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTD4591AM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 6Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 7Page - Zetex Semiconductors ZXTD4591AM832 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS
ZXTD4591AM832
ISSUE 1 - JUNE 2002
3
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PNP Safe Operating Area
NPN Safe Operating Area
1oz Cu
Note (d)(f)
1oz Cu
Note (d)(g)
2oz Cu
Note (a)(f)
2oz Cu
Note (e)(g)
Derating Curve
T
amb
=25°C
Temperature (°C)
Note (a)(f)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
2oz copper
Note (g)
Thermal Resistance v Board Area
BoardCuArea (sqcm)
1oz copper
Note (g)
2oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
Power Dissipation v Board Area
T
amb
=25°C
T
jmax
=150°C
Continuous
BoardCuArea (sqcm)
AWAITING GRAPH
AWAITING GRAPH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com