Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXTD4591AM832TC
Description  COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD4591AM832TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXTD4591AM832TC Datasheet HTML 1Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 2Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 3Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 4Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 5Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 6Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 7Page - Zetex Semiconductors ZXTD4591AM832TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXTD4591AM832
ISSUE 1 - JUNE 2002
6
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-40
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-40
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-100
nA
VCB=-30V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector Emitter Cut-Off Current
ICES
-100
nA
VCE=-30V
Collector-Emitter Saturation
Voltage
VCE(sat)
-200
-350
-500
mV
mV
mV
IC=-0.1A, IB=-1mA*
IC=-0.5A, IB=-20mA*
IC=-1A, IB=-100mA*
Base-Emitter Saturation Voltage
VBE(sat)
-1.1
V
IC=-1A, IB=-50mA*
Base-Emitter Turn-On Voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V*
Static Forward Current Transfer
Ratio
hFE
300
300
250
160
30
800
IC=-1mA, VCE=-5V*
IC=-0.1A, VCE=-5V*
IC=-0.5A, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
Transition Frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
PNP TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com