Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37B770 Datasheet(PDF) 8 Page - SMSC Corporation

Part # FDC37B770
Description  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B770 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button FDC37B770 Datasheet HTML 4Page - SMSC Corporation FDC37B770 Datasheet HTML 5Page - SMSC Corporation FDC37B770 Datasheet HTML 6Page - SMSC Corporation FDC37B770 Datasheet HTML 7Page - SMSC Corporation FDC37B770 Datasheet HTML 8Page - SMSC Corporation FDC37B770 Datasheet HTML 9Page - SMSC Corporation FDC37B770 Datasheet HTML 10Page - SMSC Corporation FDC37B770 Datasheet HTML 11Page - SMSC Corporation FDC37B770 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 196 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
97
Data Set Ready 2/Sys Addr 15
1
nDSR2/
SA15
I/I
94
Data Carrier Detect 2/8042 P12
1
nDCD2/P12
I/IO24
92
Ring Indicator 2/8042 P16
1
nRI2/P16
I/IO24
PARALLEL PORT INTERFACE (17)
68:75
Parallel Port Data Bus
8
PD[0:7]
IO24
67
Printer Select
1
nSLCTIN
OD24/O24
66
Initiate Output
1
nINIT
OD24/O24
82
Auto Line Feed
1
nALF
OD24/O24
83
Strobe Signal
1
nSTROBE
OD24/O24
79
Busy Signal
1
BUSY
I
80
Acknowledge Handshake
1
nACK
I
78
Paper End
1
PE
I
77
Printer Selected
1
SLCT
I
81
Error at Printer
1
nERROR
I
KEYBOARD/MOUSE INTERFACE (6)
56
Keyboard Data
1
KDAT
IOD16
57
Keyboard Clock
1
KCLK
IOD16
58
Mouse Data
1
MDAT
IOD16
59
Mouse Clock
1
MCLK
IOD16
63
Keyboard Reset
1
KBDRST
(Note 3)
O4
64
Gate A20
1
A20M
O4
Note 1:
For 12 bit addressing, SA0:SA11 only, nCS should be tied to GND. For 16 bit external
address qualification, address bits SA11:SA15 can be "ORed" together and applied to nCS.
The nCS pin functions as SA11 in full 16 bit Internal Address Qualification Mode. CR24.6
controls the FDC37B77x addressing modes.
Note 2:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 3:
KBDRST is active low.
Note 4:
The pull-down on this pin is always active including when the output driver is tristated
and regardless of the state of internal PWRGOOD.
Note 5:
The “activate” bit for the CIrCC is reset by VTR POR only. The VCC power-up default for
this pin is Logic “0”.
Note 6:
The “activate” bit for Serial Port 2 is reset by VTR POR only. The VCC power-up default for
this pin is Logic “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com