Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4840 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4840 Datasheet HTML 9Page - National Semiconductor (TI) LM4840 Datasheet HTML 10Page - National Semiconductor (TI) LM4840 Datasheet HTML 11Page - National Semiconductor (TI) LM4840 Datasheet HTML 12Page - National Semiconductor (TI) LM4840 Datasheet HTML 13Page - National Semiconductor (TI) LM4840 Datasheet HTML 14Page - National Semiconductor (TI) LM4840 Datasheet HTML 15Page - National Semiconductor (TI) LM4840 Datasheet HTML 16Page - National Semiconductor (TI) LM4840 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information (Continued)
case when a BTL is connected to the amplifier, the compara-
tor forces the LM4840 to maintain bridged−amplifier opera-
tion. When the HP−Sense pin is externally floated, such as
when headphones are connected to the jack shown in
Figure
2, and internal pull−up forces V
DD on the internal compara-
tor’s HP−Sense inputs. This changes the comparator’s out-
put state and enables the headphone function: it turns off
Amp2B, switches Amp2A’s input signal from an audio signal
to the V
DD/2 voltage present on pin 14, and mutes the
bridge-connected loads. Amp1A and Amp1B drive the head-
phones.
Figure 2 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a
three−wire plug. The plug’s tip and ring should each carry
one of the two stereo output signals, whereas the sleeve
provides the return to Amp2A. A headphone jack with one
control pin contact is sufficient to drive the HP−Sense pin
when connecting headphones.
A switch can replace the headphone jack contact pin. When
a switch shorts the HP−Sense pin to V
DD, bridge−connected
speakers are muted and Amp1A and Amp2A drive a pair of
headphones. When a switch shorts the HP−Sense pin to
GND, the LM4840 operates in bridge mode. If headphone
drive is not needed, short the HP−Sense pin to the −OUTB
pin.
DS200104-74
FIGURE 2. The ESDAxxxL provides additional ESD protection beyond the 8000V shown in the Absolute Maximum
Ratings for the AMP2A output
DS200104-75
FIGURE 3. Volume Control Timing Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com