Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0201 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACML-0201
Description  SMD Multilayer Chip Bead
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0201 Datasheet(HTML) 1 Page - Abracon Corporation

  ACML-0201 Datasheet HTML 1Page - Abracon Corporation ACML-0201 Datasheet HTML 2Page - Abracon Corporation ACML-0201 Datasheet HTML 3Page - Abracon Corporation ACML-0201 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Multilayer Chip Bead
ACML-0201
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
APPLICATIONS:
FEATURES:
0.6 x 0.3 x 0.3 mm
.
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.12.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Part No.
Z(Ω) ±
25%
Z Test
Freq.
DCR (Ω)
Ir (mA)
(MHz)
(max)
(max)
ACML-0201-600
60
100
0.40
200
ACML-0201-800
80
100
0.60
200
ACML-0201-121
120
100
0.80
200
ACML-0201-241
240
100
1.00
200
ACML-0201-471
470
100
1.40
200
ACML-0201-601
600
100
1.70
200
Test Conditions and equipments
Z: High Accuracy RF Impedance/Material Analyzer -E4991A, 100MHz, -20dBm or 50mV
DCR: High Accuracy Milliohmmeter –HP4338B
Ir: Electric Power Supply, Electric Current Meter, Thermometer. ΔT ≤ 20˚C
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15˚C
b. Relative Humidity: 65%±20%
c. Air Pressure: 86 KPa to 106 KPa
Visual Examination
a. Inspection Equipment: 20X magnifier
Operating Temperature: -55˚C ~ +125˚C
Storage Temperature: -10˚C to +40˚C, 70% RH max
ACML-0201-
-
Impedance Code
Please refer to
Electrical Spec table
Packaging
T: Tape and Reel (15kpcs / reel)
• Internal silver printed layers and magnetically shielded to
minimize crosstalk
• Substantial EMI suppression over a wide frequency range
• Excellent solderability and heat resistance
• Noise suppression for computers and peripheral devices,
DVD cameras, LCD TVs, communication equipments, OA
equipments, etc.
• Reduces noise in ultra high speed circuits as well


Similar Part No. - ACML-0201

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-050 ABRACON-ACML-0402-050 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-070 ABRACON-ACML-0402-070 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0402-1000 ABRACON-ACML-0402-1000 Datasheet
100Kb / 2P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-0402-102 ABRACON-ACML-0402-102 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
More results

Similar Description - ACML-0201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
Multilayer Ferrite Chip Bead
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
MULTILAYER CHIP BEAD
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
MULTILAYER CHIP BEAD
logo
Caliber Electronics Inc...
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
Multilayer Ferrite Chip Bead
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
Multilayer Chip Bead
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
MULTILAYER CHIP BEAD ARRAY
08.07.07
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
MULTILAYER CHIP BEAD
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com