Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1882CM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1882CM
Description  Programmable Video Sync Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882CM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1882CM Datasheet HTML 1Page - National Semiconductor (TI) LM1882CM Datasheet HTML 2Page - National Semiconductor (TI) LM1882CM Datasheet HTML 3Page - National Semiconductor (TI) LM1882CM Datasheet HTML 4Page - National Semiconductor (TI) LM1882CM Datasheet HTML 5Page - National Semiconductor (TI) LM1882CM Datasheet HTML 6Page - National Semiconductor (TI) LM1882CM Datasheet HTML 7Page - National Semiconductor (TI) LM1882CM Datasheet HTML 8Page - National Semiconductor (TI) LM1882CM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Register Description (Continued)
Bits 0–2
B2
B1
B0
VCBLANK
VCSYNC
HBLHDR HSYNVDR
0
0
0
CBLANK
CSYNC
HGATE
VGATE
(DEFAULT)
0
0
1
VBLANK
CSYNC
HBLANK
VGATE
0
1
0
CBLANK
VSYNC
HGATE
HSYNC
0
1
1
VBLANK
VSYNC
HBLANK
HSYNC
1
0
0
CBLANK
CSYNC
CURSOR
VINT
1
0
1
VBLANK
CSYNC
HBLANK
VINT
1
1
0
CBLANK
VSYNC
CURSOR
HSYNC
1
1
1
VBLANK
VSYNC
HBLANK
HSYNC
Bits 3–4
B
4
B
3
Mode of Operation
0
0
Interlaced Double Serration and
(DEFAULT)
Equalization
0
1
Non Interlaced Double Serration
1
0
Illegal State
1
1
Non Interlaced Single Serration and
Equalization
Double Equalization and Serration mode will output equal-
ization and serration pulses at twice the HSYNC frequency
(i.e., 2 equalization or serration pulses for every HSYNC
pulse). Single Equalization and Serration mode will output
an equalization or serration pulse for every HSYNC pulse. In
Interlaced mode equalization and serration pulses will be
output during the VBLANK period of every odd and even
field. Interlaced Single Equalization and Serration mode is
not possible with this part.
Bits 5–8
Bits 5 through 8 control the polarity of the outputs. A value of
zero in these bit locations indicates an output pulse active
LOW. A value of 1 indicates an active HIGH pulse.
B5 —
VCBLANK Polarity
B6 —
VCSYNC Polarity
B7 —
HBLHDR Polarity
B8 —
HSYNVDR Polarity
Bits 9–11
Bits 9 through 11 enable several different features of the de-
vice.
B9 —
Enable Equalization/Serration Pulses (0)
Disable Equalization/Serration Pulses (1)
B10 —
Disable System Clock (0)
Enable System Clock (1)
Default values for B10 are “0” in the ’ACT715/
LM1882 and “1” in the ’ACT715-R/LM1882-R.
B11 —
Disable Counter Test Mode (0)
Enable Counter Test Mode (1)
This bit is not intended for the user but is for internal
testing only.
HORIZONTAL INTERVAL REGISTERS
The Horizontal Interval Registers determine the number of
clock cycles per line and the characteristics of the Horizontal
Sync and Blank pulses.
REG1 —
Horizontal Front Porch
REG2 —
Horizontal Sync Pulse End Time
REG3 —
Horizontal Blanking Width
REG4 —
Horizontal Interval Width
# of Clocks per
Line
VERTICAL INTERVAL REGISTERS
The Vertical Interval Registers determine the number of lines
per frame, and the characteristics of the Vertical Blank and
Sync Pulses.
REG5 —
Vertical Front Porch
REG6 —
Vertical Sync Pulse End Time
REG7 —
Vertical Blanking Width
REG8 —
Vertical Interval Width
# of Lines per Frame
EQUALIZATION AND SERRATION PULSE
SPECIFICATION REGISTERS
These registers determine the width of equalization and ser-
ration pulses and the vertical interval over which they occur.
REG 9 —
Equalization Pulse Width End Time
REG10 — Serration Pulse Width End Time
REG11 — Equalization/Serration Pulse Vertical
Interval Start Time
REG12 — Equalization/Serration Pulse Vertical
Interval End Time
VERTICAL INTERRUPT SPECIFICATION REGISTERS
These Registers determine the width of the Vertical Interrupt
signal if used.
REG13 —
Vertical Interrupt Activate Time
REG14 —
Vertical Interrupt Deactivate Time
CURSOR LOCATION REGISTERS
These 4 registers determine the cursor position location, or
they generate separate Horizontal and Vertical Gating sig-
nals.
REG15 —
Horizontal Cursor Position Start Time
REG16 —
Horizontal Cursor Position End Time
REG17 —
Vertical Cursor Position Start Time
REG18 —
Vertical Cursor Position End Time
Signal Specification
HORIZONTAL SYNC AND BLANK
SPECIFICATIONS
All horizontal signals are defined by a start and end time.
The start and end times are specified in number of clock
cycles per line. The start of the horizontal line is considered
pulse 1 not 0. All values of the horizontal timing registers are
referenced to the falling edge of the Horizontal Blank signal
(see
Figure 1). Since the first CLOCK edge, CLOCK #1,
causes the first falling edge of the Horizontal Blank reference
pulse, edges referenced to this first Horizontal edge are n +
1 CLOCKs away, where “n” is the width of the timing in ques-
tion. Registers 1, 2, and 3 are programmed in this manner.
The horizontal counters start at 1 and count until HMAX. The
value of HMAX must be divisible by 2. This limitation is im-
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com