Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1510HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KP1510HTL
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KP1510HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 4 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Electrical Characteristics
(Ta = 25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input forward voltage
VF
IF=10mA
1.2
1.5
1.8
V
Temperature coefficient of
forward voltage
△(VF △
/
TA))
—
-1.8
—
mV/℃
Input reverse breakdown
voltage
BVR
IR=10uA
5
—
—
V
Input capacitance
CIN
f=1MHz , V=0
—
60
—
pF
Output current
(*A)
“H” level
(1)
IOH
VO =VCC-2.5V
0.5
1.5
—
A
VO =VCC-4V
2.0
—
—
“L” level
(1)
IOL
VO =VEE+2.5V
0.5
2.0
—
A
VO =VEE+4V
2.0
—
—
Output voltage
“H” level
VOH
IF =10mA, IO =-100mA
VCC-4V
VCC-3V
—
V
“L” level
VOL
IF =0mA, IO =100mA
—
VEE+0.1V
VEE+0.5V
Supply current
“H” level
ICCH
VO =Open ,IF=7 to 16mA
—
2.5
5.0
mA
“L” level
ICCL
VO=Open ,VF=-3.0 to 0.8V
—
2.5
5.0
Threshold input
current
“Output
L→H”
IFLH
IO =0mA ,VO>5V
—
2.3
5.0
mA
Threshold input
voltage
“Output
H→L”
VFHL
IO =0mA ,VO<5V
0.7
—
—
V
Under voltage lockout
threshold
VUVLO+
IF =10mA ,VO>5V
11.0
12.3
13.5
V
VUVLO-
IF =10mA ,VO<5V
9.0
10.7
12.0
Under voltage lockout
threshold hysteresis
UVLOHYS
—
1.6
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com