Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C55A Datasheet(PDF) 21 Page - Harris Corporation

Part # IP82C55A
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

IP82C55A Datasheet(HTML) 21 Page - Harris Corporation

Back Button IP82C55A Datasheet HTML 17Page - Harris Corporation IP82C55A Datasheet HTML 18Page - Harris Corporation IP82C55A Datasheet HTML 19Page - Harris Corporation IP82C55A Datasheet HTML 20Page - Harris Corporation IP82C55A Datasheet HTML 21Page - Harris Corporation IP82C55A Datasheet HTML 22Page - Harris Corporation IP82C55A Datasheet HTML 23Page - Harris Corporation IP82C55A Datasheet HTML 24Page - Harris Corporation IP82C55A Datasheet HTML 25Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
AC Test Circuit
AC Testing Input, Output Waveforms
Burn-In Circuits
FIGURE 30. WRITE TIMING
FIGURE 31. READ TIMING
Timing Waveforms (Continued)
WR
DATA
A0-A1,
CS
BUS
tWW (9)
tDW (10)
tWD (11)
tWA (8)
tAW (7)
RD
DATA
A0-A1,
CS
BUS
tRR (3)
tRA (2)
tAR (1)
VALID
(4) tRD
tDF (5)
HIGH IMPEDANCE
R1
V1
OUTPUT FROM
DEVICE UNDER
TEST
NOTE: Includes STRAY and JIG Capacitance
TEST
POINT
C1
R2
(SEE NOTE)
TEST CONDITION DEFINITION TABLE
TEST CONDITION
V1
R1
R2
C1
1
1.7V
523
Ω
Open
150pF
2VCC
2k
Ω
1.7k
Ω
50pF
3
1.5V
750
Ω
Open
50pF
INPUT
VIH + 0.4V
VIL - 0.4V
1.5V
1.5V
VOH
VOL
OUTPUT
AC Testing: All AC Parameters tested as per test circuits. Input RISE and
FALL times are driven at 1ns/V.
MD82C55A CERDIP
NOTES:
1. VCC = 5.5V ± 0.5V
2. VIH = 4.5V
± 10%
3. VIL = -0.2V to 0.4V
4. GND = 0V
MR82C55A CLCC
NOTES:
1. C1 = 0.01
µF minimum
2. All resistors are 47k
Ω± 5%
3. f0 = 100kHz
± 10%
4. f1 = f0
÷ 2; f2 = f1 ÷ 2; . . . ; f15 = f14 ÷ 2
F7
F8
F9
F4
F3
GND
F0
F1
F10
F6
F7
F8
F9
F6
F7
F8
F9
F10
F6
33
34
35
36
37
38
40
32
31
30
29
24
25
26
27
28
21
22
23
13
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
39
1
F12
F13
F14
F2
F5
F15
F11
F12
F13
F14
F15
F11
F12
VCC
F13
F14
F15
F11
F12
F11
C1
F10
GND
F0
F10
F6
F7
F8
F9
F10
F6
F1
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
1
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
F5
F15
F12
F13
F14
F15
F11
F12
F11
C1
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com