Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS20-2D Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS20-2D
Description  SURFACE MOUNT 2017.50MHz SAW FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS20-2D Datasheet(HTML) 1 Page - Abracon Corporation

  AFS20-2D Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.6
2.2
0.8
1.8
2.00
B
A
C
D
0.70 [4X]
0.10 [4X]
0.10
A
C
D
B
R0.13 [4X]
Recommended Land Pattern
Pin
Function
#B:
INPUT
#D:
OUTPUT
#A,C:
GROUND
-
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20
XXXXXX
XXXXXX
WEIGHT:
A3
SHEET 1 OF 1
SCALE:30:1
DWG NO.
TITLE:
REVISION
DO NOT SCALE DRAWING
MATERIAL:
DATE
SIGNATURE
NAME
DEBUR AND
BREAK SHARP
EDGES
FINISH:
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN MM
SURFACE FINISH:
TOLERANCES:
LINEAR:
ANGULAR:
Q.A
MFG
APPV'D
CHK'D
DRAWN
30332 Esperanza, Rancho Santa margarita, California 92688


Similar Part No. - AFS20-2D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
More results

Similar Description - AFS20-2D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS14A15-2017.50-T3 ABRACON-AFS14A15-2017.50-T3 Datasheet
1Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS20A15-2017.50-T3 ABRACON-AFS20A15-2017.50-T3 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
logo
Golledge Electronics Lt...
MP02459 GOLLEDGE-MP02459 Datasheet
69Kb / 4P
SAW Filter 2017.50MHz
MP04467 GOLLEDGE-MP04467 Datasheet
132Kb / 6P
SAW Filter 2017.50MHz
MP04469 GOLLEDGE-MP04469 Datasheet
161Kb / 6P
SAW Filter 2017.50MHz
MP03900 GOLLEDGE-MP03900 Datasheet
106Kb / 6P
SAW Filter 2017.50MHz
MP04468 GOLLEDGE-MP04468 Datasheet
144Kb / 6P
SAW Filter 2017.50MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com