Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSW2050-205-R Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2050-205-R
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2050-205-R Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW2050-205-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW2050-205-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW205x-205
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
7
SP2T Switch Evaluation Board Schematic
The evaluation boards for the MSW2050 family of
surface mount silicon PIN diode SP2T T-R switches
allow the full exercise of each switch for small signal
performance analysis, as well as for large signal
operation with maximum input signal power of
45 dBm (CW or peak power). Each evaluation board
includes the appropriate MSW205x-205 switch, DC
blocking capacitors at each RF port and bias
decoupling networks at each RF port which allow DC
or low frequency control signals to be applied to the
switch.
Three complementary control signals are required
for proper operation. Bias voltages are applied to the
TX bias port, RX bias port and the DC bias port to
control the state of the switch. A bias voltage of 5 V
must be applied to the Ant Bias (pin 3 of multi-pin
connector P1) port whenever
the switch is in operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com