Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2720 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2720
Description  Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2720 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2720 Datasheet HTML 13Page - Dallas Semiconductor DS2720 Datasheet HTML 14Page - Dallas Semiconductor DS2720 Datasheet HTML 15Page - Dallas Semiconductor DS2720 Datasheet HTML 16Page - Dallas Semiconductor DS2720 Datasheet HTML 17Page - Dallas Semiconductor DS2720 Datasheet HTML 18Page - Dallas Semiconductor DS2720 Datasheet HTML 19Page - Dallas Semiconductor DS2720 Datasheet HTML 20Page - Dallas Semiconductor DS2720 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DS2720
21 of 21
EEPROM RELIABILITY
SPECIFICATION:
(-20
°C to +70°C, 2.5V £ VDD £ 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Copy to EEPROM Time
tEEC
15
ms
EEPROM Copy Endurance
NEEC
25,000
cycles
EEPROM Data Retention
tEEDR
4
years
NOTES
1. All voltages are referenced to VSS.
2. Specified with no resistive load on CC, DC, or CP.
3. Contact the factory for different voltage trip points and delay periods.
4. Typical load capacitance on CC, DC is 1000pF CP (charge pump reservoir cap) = 0.1
mF. DC load
total on CC, DC, CP > 10M
W.
5. RTST = |VPLS - VDD| / I measured, with VPLS = 3.2V, VDD = 3.6V when test current, ITST, active for
RTST1 ; and VPLS = 4.0V, VDD = 2.5V when recovery charging for RTST2.
6. Maximum high-to-low fall time is 5
ms.
7. Internal 10V clamp on DC pin limits DC output logic low when PLS > 10V
8. Short-circuit delay tested with VDD ramped from 3.1V to 1.9V in 5
ms. Delay measured from VDD =
2.5V to DC pin fall to 7V from VOHCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com