Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4000 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS4000
Description  Digitally Controlled TCXO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4000 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS4000 Datasheet HTML 1Page - Dallas Semiconductor DS4000 Datasheet HTML 2Page - Dallas Semiconductor DS4000 Datasheet HTML 3Page - Dallas Semiconductor DS4000 Datasheet HTML 4Page - Dallas Semiconductor DS4000 Datasheet HTML 5Page - Dallas Semiconductor DS4000 Datasheet HTML 6Page - Dallas Semiconductor DS4000 Datasheet HTML 7Page - Dallas Semiconductor DS4000 Datasheet HTML 8Page - Dallas Semiconductor DS4000 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS4000 Digitally Controlled TCXO
2 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.3V to +6.0V
Storage Temperature Range
-55°C to +85°C
Operating Voltage Range
VCC = 5V ±5%
Operating Temperature Range
Commercial
0°C to +70°C
Industrial
-40°C to +85°C
Soldering Temperature
See IPC/JEDEC J-STD-020A (2x max)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods can affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 5V ±5%, over the operating temperature range.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Notes 1, 2)
4.75
5.0
5.25
V
Oscillator Supply Voltage
VOSC
(Notes 1, 2)
4.75
5.0
5.25
V
Input Logic High
VIH
(Note 1)
2.2
VCC + 0.3
V
Input Logic Low
VIL
(Note 1)
-0.3
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, over the operating temperature range.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Supply Current
ICC
(Notes 3, 4)
1.5
2
mA
Active Oscillator Supply Current
IOSC
(Notes 3, 4)
3.5
5.5
mA
Output Logic High 2.4V
IOH
(Note 1)
-1
mA
Output Logic Low 0.4V
IOL
(Note 1)
4
mA
Input Leakage
ILI
1
mA
I/O Leakage
ILO
1
mA
Temperature Conversion Time
tCONVT
(Note 3)
250
300
ms
Note 1: All voltages are referenced to ground.
Note 2: For ±10% operating range, contact factory.
Note 3: Typical values are at +25
°C and nominal supplies.
Note 4: These parameters are measured with the outputs disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com