Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC392ALC4 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC392ALC4
Description  GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC392ALC4 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC392ALC4 Datasheet HTML 2Page - Analog Devices HMC392ALC4 Datasheet HTML 3Page - Analog Devices HMC392ALC4 Datasheet HTML 4Page - Analog Devices HMC392ALC4 Datasheet HTML 5Page - Analog Devices HMC392ALC4 Datasheet HTML 6Page - Analog Devices HMC392ALC4 Datasheet HTML 7Page - Analog Devices HMC392ALC4 Datasheet HTML 8Page - Analog Devices HMC392ALC4 Datasheet HTML 9Page - Analog Devices HMC392ALC4 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Gain, Noise Figure & Power
vs. Supply Voltage @ 5.5 GHz
HMC392ALC4
GaAs MMIC LOW NOISE
AMPLIFIER, 3.5 - 8.0 GHz
v01.0117
Power Compression @ 5.5GHz, Vdd = 5V
0
5
10
15
20
25
30
35
40
30
35
40
45
50
55
60
65
70
-10
-8
-6
-4
-2
0
2
4
6
8
Pout
Gain
PAE
Idd
INPUT POWER (dBm)
0
2
4
6
8
10
12
14
16
18
20
22
2
2.5
3
3.5
4
4.5
5
5.5
Gain
Noise Figure
P1dB
SUPPLY VOLTAGE (V)
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com