Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC784A Datasheet(PDF) 4 Page - Analog Devices

Part # HMC784A
Description  GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC784A Datasheet(HTML) 4 Page - Analog Devices

  HMC784A Datasheet HTML 1Page - Analog Devices HMC784A Datasheet HTML 2Page - Analog Devices HMC784A Datasheet HTML 3Page - Analog Devices HMC784A Datasheet HTML 4Page - Analog Devices HMC784A Datasheet HTML 5Page - Analog Devices HMC784A Datasheet HTML 6Page - Analog Devices HMC784A Datasheet HTML 7Page - Analog Devices HMC784A Datasheet HTML 8Page - Analog Devices HMC784A Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
HMC784AMS8GE
v01.0117
GaAs MMIC 10 WATT T/R SWITCH
DC - 4 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Input P1dB vs. Vdd
Input P0.1dB vs. Vdd
Input P1dB vs. Temperature @ Vdd = +5V
Input IP3 vs. Tone Power @ Vdd = +5V
Input IP3 vs. Tone Power @ Vdd = +8V
Input IP3 vs. Tone Power @ Vdd = +3V
20
30
40
50
60
70
0
1
2
3
4
+27 dBm
+25 dBm
+20 dBm
FREQUENCY (GHz)
20
30
40
50
60
70
0
1
2
3
4
+27 dBm
+25 dBm
+20 dBm
FREQUENCY (GHz)
20
30
40
50
60
70
0
1
2
3
4
+27 dBm
+25 dBm
+20 dBm
FREQUENCY (GHz)
25
30
35
40
45
50
1234
+3V
+5V
+8V
FREQUENCY (GHz)
25
30
35
40
45
50
0
1
2
3
4
+25C
+85C
-40 C
FREQUENCY (GHz)
25
30
35
40
45
50
0
1
2
3
4
+3V
+5V
+8V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com