Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1313 Datasheet(PDF) 11 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 11 Page - ams AG

Back Button AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ams Datasheet
Page 11
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Detailed Description
The AS1313 is a hysteretic converter and has no continuously
operating fixed oscillator, providing an independent timing
reference. This means the triggering of the on-off switching of
the internal switches depends only on comparators measuring
the output voltage and the coil current measurement. This lead
to a very low quiescent current. In addition, because there is no
fixed timing reference, the operating frequency is determined
by external components (inductor and capacitors) and the
loading on the output.
Ripple at the output is an essential operating behavior. A power
cycle is initiated when the output regulated voltage drops
below the nominal value of VOUT.
Figure 13:
Simplified Synchronous Step-Down DC-DC Architecture
When SW1 is closed and SW2 is open, the current is flowing from
VIN through the coil to RLOAD. With neglecting the resistive
voltage drop over SW1 the voltage across the coil is:
Based on the expression, which shows the correlation between
voltage across the coil and the coil current, it's easy to rearrange
this equation to get the coil current ICOIL generated while SW1
is closed (tON).
Detailed Description
SW2
SW1
L1
FB
GND
VIN
VOUT
VCOIL_on
VCOIL_off
ICOIL_on
ICOIL_on
ICOIL_off
VIN
0V
0V
VOUT
CIN
COUT
RLOAD
IPK
IZERO
VCOIL on
VIN VOUT
=
(EQ1)
uL
di
dt
-----
ICOIL
=
VIN VOUT
L
------------------------------ t
ON


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com