Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34723 Datasheet(PDF) 21 Page - ams AG

Part # TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34723 Datasheet(HTML) 21 Page - ams AG

Back Button TCS34723 Datasheet HTML 17Page - ams AG TCS34723 Datasheet HTML 18Page - ams AG TCS34723 Datasheet HTML 19Page - ams AG TCS34723 Datasheet HTML 20Page - ams AG TCS34723 Datasheet HTML 21Page - ams AG TCS34723 Datasheet HTML 22Page - ams AG TCS34723 Datasheet HTML 23Page - ams AG TCS34723 Datasheet HTML 24Page - ams AG TCS34723 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ams Datasheet
Page 21
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Register Description
Command Register
The command register specifies the address of the target
register for future write and read operations.
Figure 25:
Command Register
76543
2
1
0
CMD
TYPE
ADDR/SF
Fields
Bits
Description
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
TRANSACTION TYPE
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Byte protocol will repeatedly read the same register with each data access. Block
protocol will provide auto-increment function to read successive bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see above,
this field either specifies a special function command or selects the specific
control-status-data register for subsequent read and write transactions. The field
values listed below only apply to special function commands:
FIELD VALUE
READ VALUE
00110
Clear channel interrupt clear
Other
Reserved — Do not write
The Clear channel interrupt clear special function clears any pending interrupt and
is self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com