Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7262 Datasheet(PDF) 21 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 21 Page - ams AG

Back Button AS7262 Datasheet HTML 17Page - ams AG AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG AS7262 Datasheet HTML 20Page - ams AG AS7262 Datasheet HTML 21Page - ams AG AS7262 Datasheet HTML 22Page - ams AG AS7262 Datasheet HTML 23Page - ams AG AS7262 Datasheet HTML 24Page - ams AG AS7262 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Dec-16
Document Feedback
AS7262 − Detailed Description
4-Byte Floating-Point (FP) Registers
Several 4-byte registers (hex) are used by the AS7262. Here is
an example of how these registers are used to represent floating
point data (based on the IEEE 754 standard):
Figure 19:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a
23 bit fraction is (for the above example):
0 0 1 1 1 1 1 0
31
0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
3E (hex)
20 (hex)
00 (hex)
00 (hex)
byte 3
byte 2
byte 1
byte 0
0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
exponent (8 bits)
fraction (23 bits)
24 23
16 15
8 7
0
31
23
30
22
0
sign
= 0.15625
FP value
1
()
sign
1b
23
i
2
i
i1
=
23
+




2
e127
()
×
=
FP value
1
()
0
1b
23
i
2
i
i1
=
23
+




2
124
127
()
×
=
FP value
1
1
2
2
+
() 2
3
×
×
=
0.15625
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com