Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7263 Datasheet(PDF) 27 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 27 Page - ams AG

Back Button AS7263 Datasheet HTML 23Page - ams AG AS7263 Datasheet HTML 24Page - ams AG AS7263 Datasheet HTML 25Page - ams AG AS7263 Datasheet HTML 26Page - ams AG AS7263 Datasheet HTML 27Page - ams AG AS7263 Datasheet HTML 28Page - ams AG AS7263 Datasheet HTML 29Page - ams AG AS7263 Datasheet HTML 30Page - ams AG AS7263 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
ams Datasheet
Page 27
[v1-00] 2016-Nov-25
Document Feedback
AS7263 − Detailed Description
4-Byte Floating-Point (FP) Registers
Several 4-byte registers (hex) are shown in the tables. Here is
an example of how the registers are used to represent floating
point data (based on the IEEE 754 standard):
Figure 30:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a 23
bit fraction is (for the above example).
Addr: 0x24:0x27
V_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
V_Cal
R
Channel V Calibrated Data (float)
Addr: 0x28:0x2B
W_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
W_Cal
R
Channel W Calibrated Data (float)
FPvalue
1
()
sign 1b
23 i
() 2
i
()
i1
=
23
+




x2
e127
()
=
FPvalue
1
()
0 1b
23 i
() 2
i
()
i1
=
23
+




x2
124 127
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com